Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5876 Datasheet(PDF) 1 Page - Rohm

No. de pieza 2SC5876
Descripción Electrónicos  Medium power transistor (60V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SC5876 Datasheet(HTML) 1 Page - Rohm

  2SC5876_11 Datasheet HTML 1Page - Rohm 2SC5876_11 Datasheet HTML 2Page - Rohm 2SC5876_11 Datasheet HTML 3Page - Rohm 2SC5876_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.B
Medium power transistor (60V, 0.5A)
2SC5876
Features
Dimensions (Unit : mm)
1) High speed switching. (Tf : Typ. : 80ns at IC = 500mA)
2) Low saturation voltage, typically
(Typ. : 150mV at IC = 100mA, IB = 10mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2088
Applications
Small signal low frequency amplifier
High speed switching
Structure
NPN Silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5876
Type
T106
3000
Package
Basic ordering unit
(pieces)
Code
Absolute maximum ratings (Ta=25
C)
Parameter
V
V
V
A
mW
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land.
∗2
∗1
°C
A
°C
VCBO
VCEO
IC
PC
Tj
VEBO
ICP
Tstg
Symbol
60
60
6
0.5
1.0
200
150
−55 to +150
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Each lead has same dimensions
Abbreviated symbol : VS
UMT3
1.25
2.1
0.1Min.
(1)Emitter
(2)Base
(3)Collector


Número de pieza similar - 2SC5876_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC5876T106Q ROHM-2SC5876T106Q Datasheet
305Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
More results

Descripción similar - 2SC5876_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2088 ROHM-2SA2088 Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088U3 ROHM-2SA2088U3 Datasheet
1Mb / 10P
   Medium power transistor (-60V, -0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2089S ROHM-2SA2089S Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5868 ROHM-2SC5868 Datasheet
59Kb / 4P
   Medium power transistor (60V, 0.5A)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com