Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54206AIRUZ-T Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL54206AIRUZ-T
Descripción Electrónicos  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AIRUZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54206AIRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54206AIRUZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL54206A
9
FN6515.3
October 28, 2010
Application Block Diagrams
Detailed Description
The ISL54206A device is a dual single pole/double throw
(SPDT) analog switch device that can operate from a
single DC power supply in the range of 2.5V to 5.5V. It
was designed to function as a dual 2 to 1 multiplexer to
select between USB differential data signals and audio L
and R stereo signals. It comes in tiny µTQFN and TDFN
packages for use in MP3 players, PDAs, cell phones, and
other personal media players.
The part consists of two 3Ω audio switches and two 5Ω
USB switches. The audio switches can accept signals that
swing below ground. They were designed to pass audio
left and right stereo signals, that are ground referenced,
with minimal distortion. The USB switches were designed
to pass high-speed USB differential data signals with
minimal edge and phase distortion.
The ISL54206A was specifically designed for MP3
players, cell phones and other personal media player
applications that need to combine the audio headphone
jack and the USB data connector into a single shared
connector, thereby saving space and component cost.
Typical application block diagrams of this functionality is
shown above.
The ISL54206A has a single logic control pin (IN) that
selects between the audio switches and the USB
switches. This pin can be driven Low or High to switch
between the audio CODEC drivers and USB transceiver of
the MP3 player or cellphone. The ISL54206A also
contains a logic control pin (CTRL) that when driven Low
while IN is Low, opens all switches and puts the part into
a low power state, drawing typically 1nA of IDD current.
A detailed description of the two types of switches is
provided in the following sections. The USB transmission
and audio playback are intended to be mutually exclusive
operations.
ISL54206A
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM-
COM+
IN
GND
D-
D+
L
R
VDD
CTRL
µCONTROLLER
4MΩ
50kΩ
50kΩ
LOGIC CONTROL VIA VBUS VOLTAGE FROM COMPUTER OR USB HUB
LOGIC CONTROL VIA MICRO-PROCESSOR
VBUS
VBUS
LOGIC
ISL54206A
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM-
COM+
IN
GND
D-
D+
L
R
VDD
CTRL
LOGIC
µCONTROLLER
22kΩ
4MΩ
4MΩ
50kΩ
50kΩ


Número de pieza similar - ISL54206AIRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54206AIRUZ-T INTERSIL-ISL54206AIRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRUZ-T INTERSIL-ISL54206AIRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AIRUZ-T RENESAS-ISL54206AIRUZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Descripción similar - ISL54206AIRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com