Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA15JC5WT Datasheet(PDF) 6 Page - Rohm

No. de pieza BA15JC5WT
Descripción Electrónicos  Secondary Fixed Output LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA15JC5WT Datasheet(HTML) 6 Page - Rohm

Back Button BA15JC5WT Datasheet HTML 2Page - Rohm BA15JC5WT Datasheet HTML 3Page - Rohm BA15JC5WT Datasheet HTML 4Page - Rohm BA15JC5WT Datasheet HTML 5Page - Rohm BA15JC5WT Datasheet HTML 6Page - Rohm BA15JC5WT Datasheet HTML 7Page - Rohm BA15JC5WT Datasheet HTML 8Page - Rohm BA15JC5WT Datasheet HTML 9Page - Rohm BA15JC5WT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BA□□JC5 Series,BA00JC5WT
Technical Note
6/10
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Thermal Derating Curve
 TO220FP-3/TO220FP-5/TO220FP-5 (V5)
Fig.17
The characteristics of the IC are greatly influenced by the operating temperature. If the temperature exceeds the maximum
junction temperature Tjmax, deterioration or damage may occur. Implement proper thermal designs to ensure that power
dissipation is within the permissible range in order to prevent instantaneous damage resulting from heat and maintain the
reliability of the IC for long-term operation.
The following method is used to calculate the power consumption Pc (W):
Pc = (Vcc – Vo)
 Io + Vcc  Icca
Power dissipation Pd ≥ Pc
The load current Io is calculated:
Calculation Example:
Vcc = 6.0V and Vo = 5.0V at Ta = 85℃
Refer to the above and implement proper thermal designs so that the IC will not be used under excessive power dissipation
conditions under the entire operating temperature range.
The power consumption Pc of the IC in the event of shorting (i.e. the Vo and GND pins are shorted) can be obtained from the
following equation: Pc = Vcc
 (Icca + Ishort) (Ishort: short current)
0
15
25
20
10
5
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
(1)20.0
(2)2.0
(2) During IC without heat sink operation.
j-a = 62.5 (°C/W)
(1) When using an infinite heat sink.
j-c = 6.25 (°C/W)
ja = 62.5°C/W  −16.0mW/°C
25°C = 2000mW
 85°C = 1040mW
Vcc : Input voltage
Vo
: Output current
IO
: Load current
Icca : Circuit current
Io ≤
Pd − Vcc
 Icca
Vcc − Vo
1.040 − 6.0
 Icca
6.0 − 5.0
Io ≤ 860mA (Icca
 30mA)


Número de pieza similar - BA15JC5WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA15JC5 ROHM-BA15JC5 Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA15JC5T ROHM-BA15JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA15JC5T ROHM-BA15JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Descripción similar - BA15JC5WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com