Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6247FP-Y Datasheet(PDF) 8 Page - Rohm

No. de pieza BA6247FP-Y
Descripción Electrónicos  1.0A or More Reversible Motor Drivers (2 Motors)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6247FP-Y Datasheet(HTML) 8 Page - Rohm

Back Button BA6247FP-Y Datasheet HTML 4Page - Rohm BA6247FP-Y Datasheet HTML 5Page - Rohm BA6247FP-Y Datasheet HTML 6Page - Rohm BA6247FP-Y Datasheet HTML 7Page - Rohm BA6247FP-Y Datasheet HTML 8Page - Rohm BA6247FP-Y Datasheet HTML 9Page - Rohm BA6247FP-Y Datasheet HTML 10Page - Rohm BA6247FP-Y Datasheet HTML 11Page - Rohm BA6247FP-Y Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Technical Note
8/11
BA6247FP-Y,BA6238A
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
3) Control input conditions
The input threshold voltage has a positive temperature coefficient and is expressed by:
ΔVIH
= +2.8mV / ℃
ΔVIL
= +1.6mV / ℃
ΔT
ΔT
The input pin is pulled up at about 15kΩ.
Set input voltage with care not to exceed the maximum input voltage (internal voltage regulator).
BA6247FP-Y ··· 6V
BA6238A
··· 5V
4) Switching of rotating direction (FWD/REV)
When the rotating direction is changed over by the motor rotating condition, switch the direction after the motor is
temporarily brought to the BRAKE condition or OPEN condition. It is recommended to keep the relevant conditions as
follows:
via BRAKE: Longer than braking time*.
(* the time required for the output L terminal to achieve potential below GND when brake is activated.)
The motor in no drive might be influenced momentarily because the all driver outputs low at the brake.
Interfaces
(BA6247FP-Y)
(BA6238A)
Fig. 15 IN1, IN2, IN3
Fig.16 VCC1, VCC2, OUT1, OUT2, OUT3, VR, GND
VCC2
VCC1
OUT1
OUT2
OUT3
GND
VR
VCC2
VCC1
OUT1
OUT2
OUT3
VR
GND
IN1
IN2
IN3
5k
15k
7k
VREG


Número de pieza similar - BA6247FP-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
121Kb / 6P
   Reversible motor driver
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
More results

Descripción similar - BA6247FP-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com