Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA2904F Datasheet(PDF) 2 Page - Rohm |
|
BA2904F Datasheet(HTML) 2 Page - Rohm |
2 / 26 page Technical Note BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM 2/25 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Ratings (Ta=25[℃]) ○ BA10358 family,BA10324A family Parameter Symbol Ratings Unit BA10358 family BA10324A family Supply Voltage VCC-VEE +32 V Differential Input Voltage (*1) Vid VCC-VEE V Input Common-mode Voltage Range Vicm (VEE-0.3)~VCC V Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+125 ℃ Maximum Junction Temperature Tjmax +125 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. (*1) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. ● Electric Characteristics ○ BA10358 family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA10358F/FV Min. Typ. Max. Input Offset Voltage (*2) Vio 25℃ - 2 7 mV VOUT=1.4[V] Input Offset Current (*2) Iio 25℃ - 5 50 nA VOUT=1.4[V] Input Bias Current (*3) Ib 25℃ - 45 250 nA VOUT=1.4[V] Supply Current ICC 25℃ - 0.7 1.2 mA RL=∞ All Op-Amps Large Signal Voltage Gain AV 25℃ 25 100 - V/mV RL ≧ 2[kΩ],VCC=15[V], VOUT=1.4~11.4[V] Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-1.5 V (VCC-VEE)=5[V], VOUT=VEE+1.4[V] Common-mode Rejection Ratio CMRR 25℃ 65 80 - dB VOUT=1.4[V] Power Supply Rejection Ratio PSRR 25℃ 65 100 - dB VCC=5~30[V] Output Source Current IOH 25℃ 10 20 - mA VIN+=1[V],VIN-=0[V], VOUT=0[V], 1CH is short circuit Output Sink Current IOL 25℃ 10 20 - mA VIN+=0[V],VIN-=1[V], VOUT=5[V], 1CH is short circuit Output Voltage Range Vo 25℃ 0 - VCC-1.5 V RL=2[kΩ] Channel Separation CS 25℃ - 120 - dB f=1[kHz], input referred (*2) Absolute value (*3) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
Número de pieza similar - BA2904F |
|
Descripción similar - BA2904F |