Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA2904FVM Datasheet(PDF) 15 Page - Rohm

No. de pieza BA2904FVM
Descripción Electrónicos  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA2904FVM Datasheet(HTML) 15 Page - Rohm

Back Button BA2904FVM Datasheet HTML 11Page - Rohm BA2904FVM Datasheet HTML 12Page - Rohm BA2904FVM Datasheet HTML 13Page - Rohm BA2904FVM Datasheet HTML 14Page - Rohm BA2904FVM Datasheet HTML 15Page - Rohm BA2904FVM Datasheet HTML 16Page - Rohm BA2904FVM Datasheet HTML 17Page - Rohm BA2904FVM Datasheet HTML 18Page - Rohm BA2904FVM Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
15/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3404 family
-40
-30
-20
-10
0
10
20
30
40
±0
±5
±10
±15
±20
SUPPLY VOLTAGE [V]
-40
-30
-20
-10
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
±2.0V
±15.0V
±18.0V
BA3404 family
-40℃
25℃
85℃
BA3404 family
±2.0V
±15.0V
±18.0V
BA3404 family
Supply Current - Supply Voltage
Derating Curve
Supply Current - Ambient Temperature
0
1
2
3
4
0
8
16
24
32
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
025
50
75
100
AMBIENT TEMPERTURE [℃] .
BA3404F
BA3404 family
BA3404FVM
25℃
85℃
-40℃
BA3404 family
±2.0V
±18.0V
±15.0V
BA3404 family
Maximum Output Voltage - Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Maximum Output Voltage - Supply Voltage
Output Voltage - Output Current
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], VOUT=0[V])
Input Bias Current - Supply Voltage
(Vicm=0[V], VOUT=0[V])
Input Offset Voltage - Supply voltage
(Vicm=0[V], VOUT=0[V])
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
0
50
100
150
200
250
±0
±5
±10
±15
±20
SUPPLY VOLTAGE [V]
-6
-4
-2
0
2
4
6
±0
±5
±10
±15
±20
SUPPLY VOLTAGE [V]
±2.0V
±15.0V
±18.0V
BA3404 family
-40℃
25℃
85℃
BA3404 family
-40℃
25℃
85℃
BA3404 family
Input Bias Current - Ambient Temperature
(Vicm=0[V], VOUT=0[V])
Input Offset Current - Supply Voltage
(Vicm=0[V], VOUT=0[V])
Input Offset Current - Ambient Temperature
(Vicm=0[V], VOUT=0[V])
-15
-10
-5
0
5
10
15
0.001
0.01
0.1
1
10
100
OUTPUT CURRENT [mA]
-20
-15
-10
-5
0
5
10
15
20
±0
±4
±8
±12
±16
±20
SUPPLY VOLTAGE [V]
-15
-10
-5
0
5
10
15
0.1
10
1000
100000
LOAD RESISTANCE [kΩ]
BA3404 family
VOH
VOL
BA3404 family
VOH
VOL
BA3404 family
VOH
VOL
Fig. 97
Fig. 98
Fig. 99
Fig. 100
Fig. 101
Fig. 102
Fig. 103
Fig. 104
Fig. 105
Fig. 106
Fig. 107
Fig. 108
85


Número de pieza similar - BA2904FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA2904FVM ROHM-BA2904FVM	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904FVM ROHM-BA2904FVM Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904FVM ROHM-BA2904FVM Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904FVM ROHM-BA2904FVM Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2904FVM ROHM-BA2904FVM Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

Descripción similar - BA2904FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com