Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD00C0AWCP-V5 Datasheet(PDF) 11 Page - Rohm

No. de pieza BD00C0AWCP-V5
Descripción Electrónicos  1A Standard Variable Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWCP-V5 Datasheet(HTML) 11 Page - Rohm

Back Button BD00C0AWCP-V5 Datasheet HTML 4Page - Rohm BD00C0AWCP-V5 Datasheet HTML 5Page - Rohm BD00C0AWCP-V5 Datasheet HTML 6Page - Rohm BD00C0AWCP-V5 Datasheet HTML 7Page - Rohm BD00C0AWCP-V5 Datasheet HTML 8Page - Rohm BD00C0AWCP-V5 Datasheet HTML 9Page - Rohm BD00C0AWCP-V5 Datasheet HTML 10Page - Rohm BD00C0AWCP-V5 Datasheet HTML 11Page - Rohm BD00C0AWCP-V5 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Technical Note
11/11
BD00C0AWFP,BD00C0AWCP-V5
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
0
0
C
0
A
W
F
P
-
E
2
Part No.
Output voltage
00:Variable
Current capacity
C0A:Output 1A
Shutdown switch
W : With switch
None : Without
switch
Package
FP
: TO252-5
CP-V5
: TO220CP-V5
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
TO252-5
1 2 3
5
4
0.5
1.27
FIN
6.5
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
0.5
±0.1
C0.5
5.1
+0.2
-0.1
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)
(Unit : mm)
TO220CP-V5
0.92
φ3.2±0.1
4.5
±0.1
0.82
±0.1
1.58
0.42
±0.1
1.778
1.444
10.0
+0.3
-0.1
2.8
+0.2
-0.1
4.12
(2.85)
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
500pcs
E2
()


Número de pieza similar - BD00C0AWCP-V5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD00C0AWCP-V5 ROHM-BD00C0AWCP-V5 Datasheet
128Kb / 5P
   Low ESR capacitor, 1A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
More results

Descripción similar - BD00C0AWCP-V5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_11 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com