Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD1206GUL Datasheet(PDF) 3 Page - Rohm

No. de pieza BD1206GUL
Descripción Electrónicos  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD1206GUL Datasheet(HTML) 3 Page - Rohm

  BD1206GUL Datasheet HTML 1Page - Rohm BD1206GUL Datasheet HTML 2Page - Rohm BD1206GUL Datasheet HTML 3Page - Rohm BD1206GUL Datasheet HTML 4Page - Rohm BD1206GUL Datasheet HTML 5Page - Rohm BD1206GUL Datasheet HTML 6Page - Rohm BD1206GUL Datasheet HTML 7Page - Rohm BD1206GUL Datasheet HTML 8Page - Rohm BD1206GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Note
3/12
BD1206GUL
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Block Diagram
Pin number 14pin
Fig. 1 Block Diagram
Pin Configuration [Bottom View]
D
LED1
LED2
PWMIN
VBAT
C
LED3
LED4
EN
C1N
BLED5
index
C2N
C1P
A
LED6
GND
VOUT
C2P
1
2
3
4
Fig. 2 Pin Configuration
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Enable/
Brightness
Control
Charge Pump
Mode Control
Current
DAC
GND
EN
VBAT
VOUT
4
LED6 DET
PWMIN
LED2
LED1
LED3
LED4
LED5
LED6
Vout Control


Número de pieza similar - BD1206GUL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results

Descripción similar - BD1206GUL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com