Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2224G Datasheet(PDF) 5 Page - Rohm

No. de pieza BD2224G
Descripción Electrónicos  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2224G Datasheet(HTML) 5 Page - Rohm

  BD2224G Datasheet HTML 1Page - Rohm BD2224G Datasheet HTML 2Page - Rohm BD2224G Datasheet HTML 3Page - Rohm BD2224G Datasheet HTML 4Page - Rohm BD2224G Datasheet HTML 5Page - Rohm BD2224G Datasheet HTML 6Page - Rohm BD2224G Datasheet HTML 7Page - Rohm BD2224G Datasheet HTML 8Page - Rohm BD2224G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Technical Note
5/12
BD2224G,BD2225G
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.25 Output turn-off time
Fig.26 /OC delay time
Fig.27 /OC delay time
10
12
14
16
18
20
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
10
12
14
16
18
20
23
4
56
SUPPLY VOLTAGE : VIN[V]
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
1.0
2.0
3.0
4.0
5.0
234
56
SUPPLY VOLTAGE : VIN[V]
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.19 Output rise time
Fig.20 Output turn-on time
Fig.21 Output turn-on time
VIN=5.0V
Ta=25°C
VIN=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
23
456
SUPPLY VOLTAGE : VIN[V]
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
1.0
2.0
3.0
4.0
5.0
23
4
56
SUPPLY VOLTAGE : VIN[V]
Fig.22 Output fall time
Fig.23 Output fall time
Fig.24 Output turn-off time
Ta=25°C
VIN=5.0V
Ta=25°C
VIN=5.0V
Ta=25°C
VIN=5.0V
2.0
2.1
2.2
2.3
2.4
2.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
1.0
2.0
3.0
4.0
5.0
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
Fig.16 UVLO threshold
Fig.17 UVLO hysteresis voltage
Fig.18 Output rise time
VIN=5.0V
VIN=5.0V
Ta=25°C
VTUVH
VTUVL


Número de pieza similar - BD2224G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2224G ROHM-BD2224G Datasheet
139Kb / 5P
   High-Side Switch for Universal Serial Bus (USB)
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LBTR ROHM-BD2224G-LBTR Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-TR ROHM-BD2224G-TR Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results

Descripción similar - BD2224G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com