Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3460FS Datasheet(PDF) 6 Page - Rohm

No. de pieza BD3460FS
Descripción Electrónicos  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3460FS Datasheet(HTML) 6 Page - Rohm

Back Button BD3460FS Datasheet HTML 2Page - Rohm BD3460FS Datasheet HTML 3Page - Rohm BD3460FS Datasheet HTML 4Page - Rohm BD3460FS Datasheet HTML 5Page - Rohm BD3460FS Datasheet HTML 6Page - Rohm BD3460FS Datasheet HTML 7Page - Rohm BD3460FS Datasheet HTML 8Page - Rohm BD3460FS Datasheet HTML 9Page - Rohm BD3460FS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Technical Note
6/28
BD3460FS,BD3461FS,BD3464FV,BD3465FV
www.rohm.com
2011.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
I2C BUS LOGIC
100k
22
21
20
19
18
17
16
15
14
13
3
4
5
6
7
8
9
10
11
12
100k
100k
24
23
1
2
VCC/2
100k
100k
100k
VCC
GND
■6ch Volume
+23dB~-79dB/1dB step,-∞
★:Advanced switch circuit
100k
100k
BUFFERED
GND ISO AMP
BUFFERED
GND ISO AMP
100k
100k
Block diagram and pin configuration
Fig.17 BD3460FS
Descriptions of terminal
Terminal
No.
Terminal
Name
Description
Terminal
No.
Terminal
Name
Description
1
INF1
Front input terminal of 1ch
13
OUTS2
Subwoofer output terminal of 2ch
2
INF2
Front input terminal of 2ch
14
OUTS1
Subwoofer output terminal of 1ch
3
INR1
Rear input terminal of 1ch
15
OUTR2
Rear output terminal of 2ch
4
INR2
Rear input terminal of 2ch
16
OUTR1
Rear output terminal of 1ch
5
INS1
Subwoofer input terminal of 1ch
17
OUTF2
Front output terminal of 2ch
6
INS2
Subwoofer input terminal of 2ch
18
OUTF1
Front output terminal of 1ch
7
PIN2
DIFF amp positive input terminal of 2ch
19
VCC
Power supply terminal
8
NIN2
DIFF amp negative input terminal of 2ch
20
CS
Chip select terminal
9
DIFFOUT2 DIFF amp output terminal of 2ch
21
SCL
I
2C Communication clock terminal
10
DIFFOUT1 DIFF amp output terminal of 1ch
22
SDA
I
2C Communication data terminal
11
NIN1
DIFF amp negative input terminal of 1ch
23
GND
GND terminal
12
PIN1
DIFF amp positive input terminal of 1ch
24
FIL
VCC/2 terminal


Número de pieza similar - BD3460FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS-E2 ROHM-BD3460FS-E2 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Descripción similar - BD3460FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com