Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3533HFN Datasheet(PDF) 4 Page - Rohm

No. de pieza BD3533HFN
Descripción Electrónicos  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3533HFN Datasheet(HTML) 4 Page - Rohm

  BD3533HFN_09 Datasheet HTML 1Page - Rohm BD3533HFN_09 Datasheet HTML 2Page - Rohm BD3533HFN_09 Datasheet HTML 3Page - Rohm BD3533HFN_09 Datasheet HTML 4Page - Rohm BD3533HFN_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. E
○NOTES FOR USE
(1)
Absolute maximum range
Although the quality of this product is rigorously controlled, and circuit operation is guaranteed within the operation ambient
temperature range, the device may be destroyed when applied voltage or operating temperature exceeds its absolute maximum
rating. Because the failure mode (such as short mode or open mode) cannot be identified in this instance, it is important to take
physical safety measures such as fusing if a specific mode in excess of absolute rating limits is considered for implementation.
(2)
Ground potential
Make sure the potential for the GND pin is always kept lower than the potentials of all other pins, regardless of the operating
mode, including transient conditions.
(3)
Thermal Design
Provide sufficient margin in the thermal design to account for the allowable power dissipation (Pd) expected in actual use.
(4)
Using in the strong electromagnetic field
Use in strong electromagnetic fields may cause malfunctions.
(5)
ASO
Be sure that the output transistor for this IC does not exceed the absolute maximum ratings or ASO value.
(6)
Thermal shutdown circuit
The IC is provided with a built-in thermal shutdown (TSD) circuit. When chip temperature reaches the threshold temperature
shown below, output goes to a cut-off (open) state. Note that the TSD circuit is designed exclusively to shut down the IC in
abnormal thermal conditions.
It is not intended to protect the IC per se or guarantee performance when extreme heat occurs.
Therefore, the TSD circuit should not be employed with the expectation of continued use or subsequent operation once TSD is
operated.
(7)
GND pattern
When both a small-signal GND and high current GND are present, single-point grounding (at the set standard point) is
recommended, in order to separate the small-signal and high current patterns, and to be sure the voltage change stemming
from the wiring resistance and high current does not cause any voltage change in the small-signal GND. In the same way, care
must be taken to avoid wiring pattern fluctuations in any connected external component GND.
(8)
Output Capacitor (C1)
Mount an output capacitor between VREF and GND for stability purposes. The VREF output capacitor is for the open loop gain
phase compensation. If the capacitor value is not large enough, the output voltage may oscillate. A ceramic 1.0 - 10uF capacitor
with minimal susceptibility to temperature is recommended. However, this stability depends on the characteristics of
temperature and load. Please confirm operation across a variety of temperature and load conditions.
(9)
Output Capacitor (C4)
Mount an output capacitor between VTT and GND for stability purposes. The output capacitor is for the open loop gain phase
compensation and reduces the output voltage load regulation. If the capacitor value is not large enough, the output voltage may
oscillate. And if the equivalent series resistance (ESR) is too large, the output voltage rise/drop increases during a sudden load
change. A 47 - 220uF polymer capacitor is recommended. However, the stability depends on the characteristics of temperature
and load conditions. And if a small ESR capacitor such as a ceramic capacitor is utilized, the output voltage may oscillate due to
lack of phase margin. In this case, measures can be taken by adding a resistor in series with this capacitor. Please confirm
operation across a variety of temperature and load conditions.
(10) Input Capacitor (C2, C3)
The input capacitor reduces the output impedence of the voltage supply source connected in the VCC and VTT_IN. If the output
impedence of this power supply increases, the input voltage (VCC,VTT_IN) may become unstable. This may result in the output
voltage oscillation or lowering ripple rejection. A low ESR 1uF capacitor in VCC and 10uF capacitor in VTT_IN with minimal
susceptibility to temperature are preferable, but stability depends on power supply characteristics and the substrate wiring
pattern (a parasitic capacitance and impedance). Please confirm operation across a variety of temperature and load conditions.
(11)
Input (VCC, VDDQ, VTT_IN, EN)
The VCC, VDDQ, VTT_IN, and EN are isolated. The UVLO function is integrated to protect faulty operation due to low voltage
levels of VCC. VTT output voltage starts up when VCC reaches the UVLO threshold level and EN reaches the threshold level
respectively regardless of the start up order in those inputs. And also VREF output voltage starts up when VCC reaches the
UVLO threshold level. When the VDDQ and VTT_IN has the same voltage and are supposed to connect each other, VDDQ pin
voltage may change due to the voltage drop on the VTT_IN and VDDQ common wiring caused by VTT_IN input current change.
This may result in the voltage change of the VTT output. Avoid drawing wiring pattern of VDDQ and VTT_IN so that they do not
have common wiring. If the common wiring is inevitable due to limited PCB area, it is recommended that CR filter be added
between VTT_IN and VDDQ.
(12) VTTS
VTTS is to improve load regulation of VTT output. For precise load regulation,
VTTS is connected close by VTT to avoid common impedance.
(13)
Heat sink (FIN)
Since the heat sink (FIN) is connected with the Sub, short it to the GND.
It is possible to minimize the thermal resistance by soldering it to GND plane of PCB.
(14)
Short-circuits between pins and and mounting errors
Do not short-circuit between output pin (Vo) and supply pin (Vcc) or ground (GND), or between supply pin (Vcc) and ground
(GND). Mounting errors, such as incorrect positioning or orientation, may destroy the device.
(15) Please add a protection diode when a large inductance component is connected to the output terminal, and reverse-polarity power
is possible at startup or in output OFF condition
TSD ON temperature [℃]
(typ.)
Hysteresis temperature [℃]
(typ.)
175
15
(Example)
OUTPUT
PIN


Número de pieza similar - BD3533HFN_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3533HFN ROHM-BD3533HFN Datasheet
385Kb / 6P
   Regulator IC for Memory termination
More results

Descripción similar - BD3533HFN_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com