Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3869AF Datasheet(PDF) 2 Page - Rohm

No. de pieza BD3869AF
Descripción Electrónicos  Silicone monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3869AF Datasheet(HTML) 2 Page - Rohm

  BD3869AF_11 Datasheet HTML 1Page - Rohm BD3869AF_11 Datasheet HTML 2Page - Rohm BD3869AF_11 Datasheet HTML 3Page - Rohm BD3869AF_11 Datasheet HTML 4Page - Rohm BD3869AF_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. C
Function
Function
Specifications
Front volume
From 0dB to -89dB(1dB step)
Loudness
Volume attenuation linked type
Bass
14dB(2dB Step),
Treble
14dB(2dB Step),
Rear Volume
From 0dB to-20dB(1dB step), -25dB,-30dB,-35dB-45dB,-60dB, MUTE
Electrical characteristics
Unless specified: Ta=25℃, VCC=9V, f=1kHz, Vin=1Vrms, Rg=600Ω, RL=10kΩ, A single input, Input gain 0dB,
Volume = 0dB, middle 0dB, bass = 0dB, treble = 0dB, fader 0dB
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Circuit current upon no signal
IQ
-
3
7
mA
Vin=0Vrms
Maximum input voltage
VIM
2.2
2.5
-
Vrms
Front Volume = -6dB
THD(Vout)=1%
Maximum output voltage
VOM
2.1
2.3
-
Vrms
THD=1%
Voltage gain
GV
-2
0
2
dB
Gv=20log(Vout/Vin)
Channel balance
CB
-1.5
0
1.5
dB
CB = Gv1-Gv2
Total harmonic distortion
THD
-
0.01
0.2
%
Vout=1Vrms
BPF=400-30kHz
Output noise voltage
VNO
-
2.3
15
Vrms
BPF = IHF-A
Rg=0Ω
Residual noise voltage
VMNO
-
1.4
10
Vrms
Front Volume = -89dB
Rear Volume = -∞,
BPF = IHF-A
Rg=0Ω
Cross talk 1ch→2ch
CT
70
95
-
dB
CT = 20log(Vin/Vout),
BPF=IHF-A
Maximum attenuation
ATTMAX
-
-114
-90
dB
Front Volume = -89dB
Rear Volume = -∞,
ATTMAX=20log(Vout/Vin)
BPF=IHF-A


Número de pieza similar - BD3869AF_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
More results

Descripción similar - BD3869AF_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3884FS ROHM-BD3884FS_11 Datasheet
140Kb / 5P
   Silicone monolithic integrated circuit
BD3886FS ROHM-BD3886FS_11 Datasheet
149Kb / 5P
   Silicone monolithic integrated circuit
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
logo
TEMIC Semiconductors
U2841B TEMIC-U2841B Datasheet
112Kb / 9P
   Monolithic Integrated Circuit
logo
Vishay Telefunken
TBA810S TFUNK-TBA810S Datasheet
642Kb / 5P
   Monolithic Integrated Circuit
logo
List of Unclassifed Man...
TDA1062S ETC1-TDA1062S Datasheet
377Kb / 7P
   MONOLITHIC INTEGRATED CIRCUIT
U418B ETC1-U418B Datasheet
320Kb / 6P
   MONOLITHIC INTEGRATED CIRCUIT
logo
Vishay Telefunken
TBA540 TFUNK-TBA540 Datasheet
292Kb / 6P
   Monolithic Integrated Circuit
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com