Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3916FVM Datasheet(PDF) 4 Page - Rohm

No. de pieza BD3916FVM
Descripción Electrónicos  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3916FVM Datasheet(HTML) 4 Page - Rohm

  BD3916FVM Datasheet HTML 1Page - Rohm BD3916FVM Datasheet HTML 2Page - Rohm BD3916FVM Datasheet HTML 3Page - Rohm BD3916FVM Datasheet HTML 4Page - Rohm BD3916FVM Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. C
The formation of parasitic elements as a result of the relationships of the potentials of different pins is an inevitable
result of the IC's architecture. The operation of parasitic elements can cause interference with circuit operation as
well as IC malfunction and damage. For these reasons, it is necessary to use caution so that the IC is not used in a
way that will trigger the operation of parasitic elements, such as by the application of voltages lower than the VEE
(P substrate) voltage to input pins. Keep in mind that the IC may malfunction in strong magnetic fields.
8) Ground patterns
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns, placing
a single ground point at the application's reference point so that the pattern wiring resistance and voltage variations
caused by large currents do not cause variations in the small signal ground voltage. Be careful not to change the GND
wiring pattern of any external parts, either.
9) Applications or inspection processes where the potentials of the VCC pin and other pins may be reversed from their normal
states may cause damage to the IC's internal circuitry or elements. Use an output pin capacitance of 1,000μF or lower
in case VCC is shorted with the GND pin while the external capacitor is charged. It is recommended to insert a diode
for preventing back current flow in series with VCC or bypass diodes between VCC and each pin.
10) Thermal shutdown circuit (TSD)
This IC incorporates a built-in TSD circuit for the protection from thermal destruction. The IC should be used within
the specified power dissipation range. However, in the event that the IC continues to be operated in excess of its power
dissipation limits, the attendant rise in the junction temperature (Tj) will trigger the TSD circuit to turn off all
output power elements.
The circuit automatically resets once the junction temperature (Tj) drops. Operation of the TSD circuit presumes that
the IC's absolute maximum ratings have been exceeded. Application designs should never make use of the TSD circuit.
11) Overcurrent protection circuit (OCP)
The IC incorporates a built-in overcurrent protection circuit that operates according to the output current capacity.
This circuit serves to protect the IC from damage when the load is shorted. The protection circuit is designed to limit
current flow by not latching in the event of a large and instantaneous current flow originating from a large capacitor
or other component. This protection circuits is effective in preventing damage due to sudden and unexpected accidents.
However, the IC should not be used in applications characterized by the continuous operation or transitioning of the
protection circuits. At the time of thermal designing, keep in mind that the current capacity has negative characteristics
to temperatures.
VCC
Bypass diode
Back current prevention diode
Pin
Parasitic elements
(Pin A)
Parasitic elements or
Transistors
(Pin B)
VEE
C
B
E
Resistor
Parasitic elements
(Pin A)
VEE
N
P
N
N
P+
P+
P
Parasitic elements
or Transistors
P substrate
VEE
N
P
N
N
P+
P+
(Pin B) C
B
E
Transistor (NPN)
N


Número de pieza similar - BD3916FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3916FVM ROHM-BD3916FVM Datasheet
237Kb / 6P
   Positive and Negative Variable Linear Regulator
More results

Descripción similar - BD3916FVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com