Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD4153FV Datasheet(PDF) 3 Page - Rohm

No. de pieza BD4153FV
Descripción Electrónicos  Power Switch ICs for ExpressCard
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD4153FV Datasheet(HTML) 3 Page - Rohm

  BD4153FV Datasheet HTML 1Page - Rohm BD4153FV Datasheet HTML 2Page - Rohm BD4153FV Datasheet HTML 3Page - Rohm BD4153FV Datasheet HTML 4Page - Rohm BD4153FV Datasheet HTML 5Page - Rohm BD4153FV Datasheet HTML 6Page - Rohm BD4153FV Datasheet HTML 7Page - Rohm BD4153FV Datasheet HTML 8Page - Rohm BD4153FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BD4153FV,BD4153EFV
Technical Note
3/17
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics – Continued
(unless otherwise noted, Ta=25℃ VCC=3.3V VEN=3.3V V3_IN=V3AUX_IN=3.3V,V15_IN=1.5V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
[Switch V3]
On Resistance
RV3
-
35
73
mΩ
Tj=-10~100℃ *
Discharge On Resistance
RV3Dis
-
60
150
[Switch V3AUX]
On Resistance
RV3AUX
-
100
210
mΩ
Tj=-10~100℃ *
Discharge On Resistance
RV3AUXDis
-
60
150
[Switch V15]
On Resistance
RV15
-
42
85
mΩ
Tj=-10~100℃ *
Discharge On Resistance
RV15Dis
-
60
150
[Soft Start]
Charge current
Ichr
1.0
2.0
3.0
μA
SS_V3 High Voltage
SS_V3high
V3+4
V3+5
V3+6
V
SS_V15 High Voltage
SS_V15high
V15+4
V15+5
V15+6
V
SS_V3AUX High Voltage
SS_AUXhigh
1.5
1.8
2.1
V
Discharge current
IDis
0.3
1.0
-
mA
Vss=1V
Low Voltage
SSLOW
-
-
50
mV
[Over Current Protection]
OC Flag V3
OCPV3_S
1.0
-
-
A
V3 Over current
OCPV3
2.0
-
-
A
OC Flag V3AUX
OCPV3AUX_S
0.25
-
-
A
V3AUX Over current
OCPV3AUX
0.50
-
-
A
OC Flag V15
OCPV15_S
0.50
-
-
A
V15 Over current
OCPV15
1.20
-
-
A
OC_Delay Charge current
IOCP_Delaych
1.0
2.0
3.0
μA
OC_Delay Discharge current
IOCP_Delaydis
1.0
2.0
-
mA
VOC_DELAY=1V
OC_Delay Standby Voltage
VOCP_Delayst
-
-
50
mV
OC_Delay Threshold Voltage
VOCP_Delayth
0.6
0.7
0.8
V
OC Low Voltage
VOCP
-
0.1
0.2
V
IOC=0.5mA
OC Leak current
IOCP
-
-
1
μA
VOC=3.65V
[Under Voltage Lockout]
V3_IN UVLO OFF Voltage
VUVLOV3_IN
2.80
2.90
3.00
V
sweep up
V3_IN Hysteresis Voltage
VUVLOV3_IN
80
160
240
mV
sweep down
V3AUX_IN UVLO OFF Voltage
VUVLOV3AUX_IN
2.80
2.90
3.00
V
sweep up
V3AUX_IN Hysteresis Voltage
VUVLOV3AUX_IN
80
160
240
mV
sweep down
V15 UVLO OFF Voltage
VUVLOV15
1.25
1.30
1.35
V
sweep up
V15 Hysteresis Voltage
VUVLO15
50
100
150
mV
sweep down
VCC UVLO OFF Voltage
VUVLOVCC
2.80
2.90
3.00
V
sweep up
VCC Hysteresis Voltage
VUVLOVCC
80
160
240
mV
sweep down
* Design Guarantee


Número de pieza similar - BD4153FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
More results

Descripción similar - BD4153FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com