Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD4153FV Datasheet(PDF) 1 Page - Rohm |
|
BD4153FV Datasheet(HTML) 1 Page - Rohm |
1 / 18 page 1/17 www.rohm.com 2010.04 - Rev.B © 2010 ROHM Co., Ltd. All rights reserved. Power Management Switch ICs for PCs and Digital Consumer Products Power Switch ICs for ExpressCardTM BD4153FV,BD4153EFV ● Description BD4153FV/EFV is a power management switch IC for the next generation PC card (ExpressCard TM) that PCMCIA recommends. Conforms to PCMCIA’s ExpressCard TM Standard, ExpressCardTM Compliance Checklist, and ExpressCardTM Implementation Guideline, and obtains the world first Compliance ID “EC100001” from PCMCIA. Offers various functions such as adjustable soft-starter, overcurrent detector (OC function), card detector, and system condition detector, which are ideally suited for laptop and desktop computers. ● Features 1) Incorporates three low on-resistance FETs for ExpressCard TM. 2) Incorporates an FET for output discharge. 3) Incorporates an enabler. 4) I Incorporates an undervoltage lockout (UVLO) 5) I Employs SSOP-B24 package. 6) I Employs HTSSOP-B24 package. 7) Incorporates a thermal shutdown protector (TSD). 8) Incorporates a soft-starter. 9) Incorporates an overcurrent protector (OCP). 10) Incorporates an overcurrent flag output (OC). 11) Conforms to ExpressCard TM Standard. 12) Conforms to ExpressCard TM Compliance Checklist. 13) Conforms to ExpressCard TM Implementation Guideline. ● Use Laptop and desktop computers, and other digital devices equipped with ExpressCard. ● Lineup Parameter BD4153FV BD4153EFV Package SSOP-B24 HTSSOP-B24 “ExpressCard TM” is a trademark registered by PCMCIA(Personal Computer Memory Card International Association). ● Absolute Maximum Ratings ◎ BD4153FV/BD4153EFV Parameter Symbol BD4153FV BD4153EFV Unit Power Supply Voltage VCC 5.0 * 1 5.0 * 1 V Logic Input Voltage EN,CPPE#,CPUSB#,SYSR,PERST_IN# 5.0 * 1 5.0 * 1 V Logic Output Voltage 1 OC 5.0 * 1 5.0 * 1 V Logic Output Voltage 2 PERST# VCC * 1 VCC * 1 V Input Voltage 1 V3_IN, V15_IN 5.0 * 1 5.0 * 1 V Input Voltage 2 V3AUX_IN VCC * 1 VCC * 1 V Output Voltage V3,V3AUX,V15 5.0 * 1 5.0 * 1 V Output current 1 IOV3, IOV15 2.0 2.0 A Output current 2 IOV3AUX 1.0 1.0 A Power Dissipation 1 Pd1 787 * 2 - mW Power Dissipation 2 Pd2 1025 * 3 1100 * 4 mW Operating Temperature Range Topr -40~+100 -40~+100 ℃ Storage Temperature Range Tstg -55~+150 -55~+150 ℃ Maximum Junction Temperature Tjmax +150 +150 ℃ *1 However, not exceeding Pd. *2 Pd derating at 6.3mW/℃ for temperature above Ta=25℃ *3 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 8.2 mW/°C. *4 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 8.8 mW/°C. No.10029EBT08 |
Número de pieza similar - BD4153FV |
|
Descripción similar - BD4153FV |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |