Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N34A Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza 1N34A
Descripción Electrónicos  Germanium Diode 65 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N34A Datasheet(HTML) 2 Page - Micro Commercial Components

  1N34A_09 Datasheet HTML 1Page - Micro Commercial Components 1N34A_09 Datasheet HTML 2Page - Micro Commercial Components 1N34A_09 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N34A
DO-7
Features
Low Leakage Current
Low Junction Capacitance
High Mechanical Strength
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
-----
.300
-----
7.62
B
-----
.107
-----
2.72
C
.018
.022
0.46
0.56
D
1.000
-----
25.40
-----
Maximum Ratings
Operating Temperature: -65
OC to +75OC
Storage Temperature: -65
OC to +75OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Peak Inverse Voltage
PIV
65V
IR=1.0mA
Average Rectified
Current
IO
50mA
Peak Forward Surge
Current
IFSM
500mA
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.00V
IFM = 5.0mA;
TJ = 25
OC*
Maximum Reverse
Current
IR
30uA
500uA
TA = 25
OC
VR=10V
VR=50V
Typical Junction
Capacitance
CJ
0.8pF
Measured at
1.0MHz, VR=0V
2.Pulse test: Pulse width 300 usec, Dutycycle 2%
65 Volt
Germanium Diode
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
8
200
9/05/08
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
&
%
'
$
'
Marking : Green cathode band
Notes:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)


Número de pieza similar - 1N34A_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N34AS NJSEMI-1N34AS Datasheet
71Kb / 1P
   GERMANIUM DIODE
More results

Descripción similar - 1N34A_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N34A MCC-1N34A Datasheet
69Kb / 1P
   65 Volt Germanium Diode
1N277 MCC-1N277 Datasheet
66Kb / 1P
   110 Volt Germanium Diode
logo
American Microsemicondu...
1N270 AMMSEMI-1N270 Datasheet
197Kb / 1P
   GERMANIUM DIODES 100 VOLT
logo
New Jersey Semi-Conduct...
1N87A NJSEMI-1N87A Datasheet
68Kb / 1P
   GERMANIUM DIODE
1N4502 NJSEMI-1N4502 Datasheet
92Kb / 1P
   GERMANIUM DIODE
logo
Central Semiconductor C...
1N34A CENTRAL-1N34A Datasheet
51Kb / 1P
   GERMANIUM DIODE
logo
List of Unclassifed Man...
OA81 ETC2-OA81 Datasheet
494Kb / 5P
   Germanium Diode
logo
New Jersey Semi-Conduct...
1N478 NJSEMI-1N478 Datasheet
90Kb / 1P
   GERMANIUM DIODE
1N2929 NJSEMI-1N2929 Datasheet
61Kb / 1P
   Germanium Diode
1N34AS NJSEMI-1N34AS Datasheet
71Kb / 1P
   GERMANIUM DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com