Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4756 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza 1N4756
Descripción Electrónicos  1.0 Watt Zener Diode 3.3 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4756 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4756 Datasheet HTML 1Page - Micro Commercial Components 1N4756 Datasheet HTML 2Page - Micro Commercial Components 1N4756 Datasheet HTML 3Page - Micro Commercial Components 1N4756 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Hermetic Glass Package
Silicon Planar Zener Diodes
Mechanical Data
Case: DO-41 Glass Package
Weight: 0.309 grams (Approx.)
Maximum Ratings
Operating Temperature: -65
oC to +200oC
Storage Temperature: -65
oC to +200oC
For capacitive load, derate current by 20%
Electrical Characteristics @ 25oC Unless Otherwise Specified
Note: (1) Valid provided that electrodes at a distance
of 10mm from case are kept at ambient
temperature.
1N4728
THRU
1N476
1.0 Watt
Zener Diode
3.3 to 75 Volts
A
B
C
D
D
Cathode
Mark
DO-41G
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
DC Power
Dissipation
Pd
1.0W
TA
50
OC
Forward
Thermal
Resistance
RthJA
100K/W
Note 1
Power Derating
from 100
o
C
Ptot
10mW/
oC
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
1N4728
THRU
1N4761
Voltage
VF
1.2V
Drop
Revision:
A
20
11/01/01
Lead Free Finish/Rohs Compliant (Note2) ("P"Suffix designates
Compliant. See ordering information)
(2)
.
Lead in Glass Exemption Applied, see EU Directive Annex 5.
- - - - -
- - - - -
4 . 5 0
0 . 1 7 7
MIN
MAX
MIN
MAX
A
D I M E N S I O N S
D I M
I N C H E S
M M
NOTE
- - - - -
- - - - -
C
0 . 0 2 6
0 . 0 3 4
0.70
0.90
Diameter
D
1 . 0 0 0
-----
2 5 . 4 0
-----
B
2 . 8 0
0 . 1 1 0
Diameter
Moisture Sensitivity: Level 1


Número de pieza similar - 1N4756

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
1N4756 CHENDA-1N4756 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4756 SURGE-1N4756 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4756 JINANJINGHENG-1N4756 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4756 NJSEMI-1N4756 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Bytesonic Electronics C...
1N4756 BYTESONIC-1N4756 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

Descripción similar - 1N4756

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4729AW MCC-1N4729AW Datasheet
332Kb / 4P
   1.0 Watt Zener Diode 3.6 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com