Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5820 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza 1N5820
Descripción Electrónicos  3 Amp Schottky Barrier Rectifier 20 - 40 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5820 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N5820_11 Datasheet HTML 1Page - Micro Commercial Components 1N5820_11 Datasheet HTML 2Page - Micro Commercial Components 1N5820_11 Datasheet HTML 3Page - Micro Commercial Components 1N5820_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5820
THRU
1N5822
3 Amp Schottky
Barrier Rectifier
20 - 40 Volts
DO-201AD
Features
Low Forward Voltage Drop and High Current Capability
High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +125°C
Maximum Thermal Resistance; 28
°C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N5820
20V
14V
20V
1N5821
30V
21V
30V
1N5822
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 85
°C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1N5820
1N5821
1N5822
VF
.475V
.500V
.525V
IFM = 3.0A;
TJ = 25
°C(Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
2.Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1N5820
1N5821
1N5822
www.mccsemi.com
1 of 4
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Número de pieza similar - 1N5820_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
1N5820 DIODES-1N5820_1 Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820_1 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Diodes Incorporated
1N5820 DIODES-1N5820_10 Datasheet
56Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 9 - 2
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820_10 Datasheet
397Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Diotec Semiconductor
1N5820 DIOTEC-1N5820_10 Datasheet
91Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Descripción similar - 1N5820_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SR302 MCC-SR302 Datasheet
430Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5822-TP MCC-1N5822-TP Datasheet
489Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820 YFWDIODE-1N5820 Datasheet
119Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_13 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820-DO27 YFWDIODE-1N5820-DO27 Datasheet
457Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820 Datasheet
46Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
5820SM MCC-5820SM Datasheet
328Kb / 3P
   3 Amp Schottky Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com