Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5822 Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza 1N5822
Descripción Electrónicos  3 Amp Schottky Barrier Rectifier 20 - 40 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5822 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N5822 Datasheet HTML 1Page - Micro Commercial Components 1N5822 Datasheet HTML 2Page - Micro Commercial Components 1N5822 Datasheet HTML 3Page - Micro Commercial Components 1N5822 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5820 thru 1N5822
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.2
.4
.6
.8
1.0
1.2
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
1000
pF
Volts
600
400
40
400
1000
TJ=25
°C
1N5820
1N5821
1N5822
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Número de pieza similar - 1N5822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5822 NJSEMI-1N5822 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
1N5822 DIODES-1N5822 Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Bytes
1N5822 BYTES-1N5822 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - 1N5822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SR302 MCC-SR302 Datasheet
430Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
1N5822-TP MCC-1N5822-TP Datasheet
489Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820 YFWDIODE-1N5820 Datasheet
119Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820_13 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5820-DO27 YFWDIODE-1N5820-DO27 Datasheet
457Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Micro Commercial Compon...
1N5820 MCC-1N5820 Datasheet
46Kb / 3P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
5820SM MCC-5820SM Datasheet
328Kb / 3P
   3 Amp Schottky Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com