Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BH1772GLC Datasheet(PDF) 17 Page - Rohm

No. de pieza BH1772GLC
Descripción Electrónicos  1 Chip Optical Proximity Sensor Ambient Light Sensor IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BH1772GLC Datasheet(HTML) 17 Page - Rohm

Back Button BH1772GLC Datasheet HTML 13Page - Rohm BH1772GLC Datasheet HTML 14Page - Rohm BH1772GLC Datasheet HTML 15Page - Rohm BH1772GLC Datasheet HTML 16Page - Rohm BH1772GLC Datasheet HTML 17Page - Rohm BH1772GLC Datasheet HTML 18Page - Rohm BH1772GLC Datasheet HTML 19Page - Rohm BH1772GLC Datasheet HTML 20Page - Rohm BH1772GLC Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
BH1772GLC
17/30
Technical note
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○ ALS_PS_MEAS ( 44h )
7
6
5
4
3
2
1
0
X
X
X
X
X
X
ALS
trigger
PS
trigger
default value 00h
Field
Bit
Type
Description
NA
7 : 2
-
Ignored
ALS trigger
1
RW
0 : Ignored
1 : Start ALS measurement at force mode
*2
PS trigger
0
RW
0 : Ignored
1 : Start PS measurement at force mode
*2
*2 Even if trigger is set during measurement, the measurement doesn’t restart. The measurement will start, in case that It
is set to forced mode by ALS_CONTROL register (40h) or PS_CONTROL register (41h) and is not during
measurement.
○ PS_MEAS_RATE ( 45h )
7
6
5
4
3
2
1
0
X
X
X
X
PS meas rate
default value 05h
Field
Bit
Type
Description
NA
7 : 4
-
Ignored
PS meas rate
3 : 0
RW
0000 : 10ms
0001 : 20ms
0010 : 30ms
0011 : 50ms
0100 : 70ms
0101 : 100ms
0110 : 200ms
0111 : 500ms
1000 : 1000ms
1001 : 2000ms
101X : 2000ms
11XX : 2000ms
○ ALS_MEAS_RATE ( 46h )
7
6
5
4
3
2
1
0
ALS
rate
disable
X
X
X
X
ALS meas rate
default value 02h
Field
Bit
Type
Description
ALS rate disable
7
RW
0 : ALS meas rate( 46h<2:0> ) is active
1 : ALS meas rate( 46h<2:0> ) is inactive
NA
6 : 3
-
Ignored
ALS meas rate
2 : 0
RW
000 : 100ms
001 : 200ms
010 : 500ms
011 : 1000ms
1XX : 2000ms


Número de pieza similar - BH1772GLC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BH1771GLC ROHM-BH1771GLC Datasheet
457Kb / 33P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
BH1771GLC-E2 ROHM-BH1771GLC-E2 Datasheet
457Kb / 33P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
More results

Descripción similar - BH1772GLC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BH1771GLC-E2 ROHM-BH1771GLC-E2 Datasheet
457Kb / 33P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
BH1771GLC ROHM-BH1771GLC Datasheet
457Kb / 33P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Silicon Laboratories
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
OSRAM GmbH
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com