Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU29TA2WHFV Datasheet(PDF) 10 Page - Rohm |
|
BU29TA2WHFV Datasheet(HTML) 10 Page - Rohm |
10 / 30 page Technical Note 10/29 BUTA2WNVX series, BUTA2WHFV series www.rohm.com 2011.01 - Rev.C © 2011 ROHM Co., Ltd. All rights reserved. Fig. 46 Ripple Rejection VS Freq. Fig. 47 Ripple Rejection VS VIN Fig. 48 Output Noise Spectrl Density VS Freq. ● Reference data BU18TA2WNVX / HFV (Unless otherwise specified, Ta=25℃) Fig. 49 Load Response Fig. 51 Load Response Fig. 52 Load Response Fig. 50 Load Response Fig. 53 Load Response Current Pulse=10kHz Fig. 54 Load Response Current Pulse=10kHz ⇔ 0 10 20 30 40 50 60 70 80 0.1 1 10 100 1000 Frequency (kHz) Vin= 3.5V Io=10mA Ta = 25℃ 0 10 20 30 40 50 60 70 80 2.5 3.5 4.5 5.5 Input Voltage VIN[V] Co=1.0μF Cin=none Iout=10mA temp=25℃ f= 10 0kHz f=10 kHz f= 1 kHz f= 0 .1 kHz 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.1 1 10 100 Frequency f [kHz] Co=1.0μF Cin=1.0μF Iout=10mA temp=25℃ |
Número de pieza similar - BU29TA2WHFV |
|
Descripción similar - BU29TA2WHFV |