Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4930-1 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADA4930-1
Descripción Electrónicos  Ultralow Noise Drivers for Low Voltage ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4930-1 Datasheet HTML 3Page - Analog Devices ADA4930-1 Datasheet HTML 4Page - Analog Devices ADA4930-1 Datasheet HTML 5Page - Analog Devices ADA4930-1 Datasheet HTML 6Page - Analog Devices ADA4930-1 Datasheet HTML 7Page - Analog Devices ADA4930-1 Datasheet HTML 8Page - Analog Devices ADA4930-1 Datasheet HTML 9Page - Analog Devices ADA4930-1 Datasheet HTML 10Page - Analog Devices ADA4930-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADA4930-1/ADA4930-2
Rev. A | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive. The quiescent power is the voltage
between the supply pins (VS) times the quiescent current (IS).
The power dissipated due to the load drive depends upon the
particular application. The power due to load drive is calculated
by multiplying the load current by the associated voltage drop
across the device. RMS voltages and currents must be used in
these calculations.
Table 7.
Parameter
Rating
Supply Voltage
5.5 V
Power Dissipation
See Figure 4
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other
conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads/
exposed pad from metal traces, through holes, ground, and
power planes reduces θJA.
Figure 4 shows the maximum safe power dissipation vs. the
ambient temperature for the ADA4930-1 single 16-lead LFCSP
(98°C/W) and the ADA4930-2 dual 24-lead LFCSP (67°C/W)
on a JEDEC standard 4-layer board.
THERMAL RESISTANCE
θJA is specified for the device (including exposed pad) soldered
to a high thermal conductivity 2s2p circuit board, as described
in EIA/JESD51-7.
3.5
0
–40
110
90 100
TEMPERATURE (°C)
0.5
1.0
1.5
2.0
2.5
3.0
–30 –20 –10 0
1020 304050 607080
ADA4930-2
ADA4930-1
Table 8. Thermal Resistance
Package Type
θJA
Unit
16-Lead LFCSP (Exposed Pad)
98
°C/W
24-Lead LFCSP (Exposed Pad)
67
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4930-1/ADA4930-2
packages is limited by the associated rise in junction temperature (TJ)
on the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit can change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the ADA4930-1/ADA4930-2. Exceeding a
junction temperature of 150°C for an extended period can result
in changes in the silicon devices, potentially causing failure.
Figure 4. Maximum Power Dissipation vs. Ambient Temperature,
4-Layer Board
ESD CAUTION


Número de pieza similar - ADA4930-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4930-1 AD-ADA4930-1 Datasheet
233Kb / 8P
   Differential Amplifier Evaluation Board for Single
REV. 0
ADA4930-1 AD-ADA4930-1 Datasheet
625Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1YCP-EBZ AD-ADA4930-1YCP-EBZ Datasheet
491Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1YCPZ-R2 AD-ADA4930-1YCPZ-R2 Datasheet
491Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1YCPZ-R2 AD-ADA4930-1YCPZ-R2 Datasheet
625Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
More results

Descripción similar - ADA4930-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4930-1 AD-ADA4930-1_16 Datasheet
491Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1 AD-ADA4930-1_17 Datasheet
625Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
logo
Texas Instruments
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
logo
Analog Devices
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
logo
Texas Instruments
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
   Ultralow Noise, High Accuracy Voltage References
Rev. D
MT-075 AD-MT-075 Datasheet
190Kb / 9P
   Differential Drivers for High Speed ADCs Overview
REV. 0
logo
Texas Instruments
TPS790 TI-TPS790 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
   Ultralow Noise Microphone
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com