Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7265SG Datasheet(PDF) 10 Page - Rohm

No. de pieza BU7265SG
Descripción Electrónicos  Ultra Low Power CMOS Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7265SG Datasheet(HTML) 10 Page - Rohm

Back Button BU7265SG Datasheet HTML 6Page - Rohm BU7265SG Datasheet HTML 7Page - Rohm BU7265SG Datasheet HTML 8Page - Rohm BU7265SG Datasheet HTML 9Page - Rohm BU7265SG Datasheet HTML 10Page - Rohm BU7265SG Datasheet HTML 11Page - Rohm BU7265SG Datasheet HTML 12Page - Rohm BU7265SG Datasheet HTML 13Page - Rohm BU7265SG Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Technical Note
10/28
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7265G,BU7265SG,BU7205HFV,BU7205SHFV,BU7271G,BU7271SG,BU7245HFV,BU7245SHFV,
BU7411G,BU7411SG,BU7421G,BU7421SG,BU7475HFV,BU7475SHFV
60
80
100
120
140
160
-60-30
0
30
60
90120
AMBIENT TEMPERATURE [℃]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
1.E+00
1.E+01
1 .E+02
1.E+03
1.E+04
1.E+05
1.E+06
FREQUENCY [Hz]
0
50
100
150
200
0
20
40
60
80
100
120
12
34
56
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
12
34
56
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
60
70
80
-60-30
0
30
60
90120
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
60
70
80
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
12
34
56
SUPPLY VOLTAGE [V]
-15
-10
-5
0
5
10
15
-1
01234
INPUT VOLTAGE [V]
BU7271 family
(*)The above data is ability value of sample, it is not guaranteed. BU7271G: -40[℃] ~ +85[℃] BU7271SG: -40[℃] ~ +105[℃]
-40℃
25℃
85℃
105℃
BU7271 family
-40℃
25℃
85℃
105℃
BU7271 family
BU7271 family
5.5V
1.8V
3.0V
BU7271 family
5.5V
1.8V
3.0V
BU7271 family
5.5V
1.8V
3.0V
BU7271 family
Phase
Gain
Voltage GainFrequency
BU7271 family
-40℃
25℃
85℃
105℃
BU7271 family
5.5V
1.8V
3.0V
BU7271 family
BU7271 family
5.5V
1.8V
3.0V
-40℃
25℃
85℃
105℃
BU7271 family
Fig.36
Fig.37
Fig.38
Fig.39
Fig.40
Fig.41
Fig.42
Fig.43
Fig.44
Fig.45
Fig.46
Common Mode Rejection Ratio
– Supply Voltage
(VDD=3[V])
Slew Rate L-H – Ambient Temperature
Slew Rate H-L – Ambient Temperature
Input Offset Voltage – Supply Voltage
(Vicm=VDD, VOUT=0.1[V])
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, VOUT=1.5[V])
Input Offset Voltage – Input Voltage
(VDD=3[V])
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Power Supply Rejection Ratio
– Ambient Temperature
Common Mode Rejection Ratio
– Ambient Temperature


Número de pieza similar - BU7265SG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7265SG ROHM-BU7265SG Datasheet
129Kb / 5P
   SILICON MONOLITHIC INTEGRATED CIRCUIT
BU7265SG ROHM-BU7265SG Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG ROHM-BU7265SG Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG-TR ROHM-BU7265SG-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG-TR ROHM-BU7265SG-TR Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
More results

Descripción similar - BU7265SG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com