Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7344HFV Datasheet(PDF) 10 Page - Rohm

No. de pieza BU7344HFV
Descripción Electrónicos  Compact 1ch Clock Generators for Digital Cameras
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7344HFV Datasheet(HTML) 10 Page - Rohm

Back Button BU7344HFV Datasheet HTML 6Page - Rohm BU7344HFV Datasheet HTML 7Page - Rohm BU7344HFV Datasheet HTML 8Page - Rohm BU7344HFV Datasheet HTML 9Page - Rohm BU7344HFV Datasheet HTML 10Page - Rohm BU7344HFV Datasheet HTML 11Page - Rohm BU7344HFV Datasheet HTML 12Page - Rohm BU7344HFV Datasheet HTML 13Page - Rohm BU7344HFV Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Technical Note
10/13
BU7344HFV,BU7345HFV,BU7346GUL
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Application circuit example
VDD
VSS
OUT
IN
SEL
OE
27.0000MHz
L : 40.5000MHz
H : 36.0000MHz
L : 40.5000MHz
H : 36.0000MHz
L : disable
H : enable
Fig.55 Application circuit example(BU7344HFV)
* For VDD and VSS, insert a bypass capacitor of approx. 0.1μF as close as possible to the pin.Bypass capacitors with
good high-frequency characteristics are recommended. Even though we believe that the typical application circuit is
worth of a recommendation, please be sure to thoroughly recheck the characteristics before use.
Equivalent circuit
Pin name
Pin number
Equivalent circuit
OUT
3, B3
OE(PDB)
SEL
4, A2
5, A3
IN(XIN)
6, A1
IC内部から
IC内部へ
IC内部から
IC内部から
From the inside of IC
From the
inside of IC
From the
inside of IC
To the inside of IC
IC内部へ
To the inside of IC


Número de pieza similar - BU7344HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7346GUL ROHM-BU7346GUL Datasheet
137Kb / 5P
   Silicon monolithic Integrated circuit
More results

Descripción similar - BU7344HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com