Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7485G Datasheet(PDF) 7 Page - Rohm

No. de pieza BU7485G
Descripción Electrónicos  High Speed with Low Voltage CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7485G Datasheet(HTML) 7 Page - Rohm

Back Button BU7485G Datasheet HTML 3Page - Rohm BU7485G Datasheet HTML 4Page - Rohm BU7485G Datasheet HTML 5Page - Rohm BU7485G Datasheet HTML 6Page - Rohm BU7485G Datasheet HTML 7Page - Rohm BU7485G Datasheet HTML 8Page - Rohm BU7485G Datasheet HTML 9Page - Rohm BU7485G Datasheet HTML 10Page - Rohm BU7485G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Technical Note
7/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
BU5281 family(Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU5281G, BU5281SG
Min.
Typ.
Max.
Input Offset Voltage
(*17)
Vio
25℃
0.1
2.5
mV
Input Offset Voltage drift
(*17)
ΔVio/ΔT
-
0.8
μV/℃
Input Offset Current
(*17)
Iio
25℃
1
pA
Input Bias Current
(*17)
Ib
25℃
1
pA
Supply Current
(*18)
IDD
25℃
750
1000
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=0.9[V]
Full range
1200
High Level Output Voltage
VOH
25℃
VDD-0.1
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
70
110
dB
RL=10[kΩ]
Input Common-mode
Voltage Range
Vicm
25℃
0
1.8
V
VSS ~ VDD - 1.2[V]
Common-mode Rejection Ratio CMRR
25℃
45
60
dB
Power Supply Rejection Ratio
PSRR
25℃
60
80
dB
Output Source Current
(*19)
IOH
25℃
5
8
mA
VDD-0.4[V]
Output Sink Current
(*19)
IOL
25℃
10
16
mA
VSS+0.4[V]
Slew Rate
SR
25℃
2.0
V/μs
CL=25[pF]
Gain Band width
FT
25℃
3
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
40
°
CL=25[pF], AV=40[dB]
Input Referred Noise Voltage
Vin
25℃
18
nV/(Hz)
1/2 AV=40[dB], f=1[kHz]
3.2
μVrms AV=40[dB], DINAUDIO
Total Harmonic Distortion
THD
25℃
0.003
%
VOUT=0.4[Vp-p], f=1[kHz]
(*17) Absolute value
(*18) Full range BU5281: Ta=-40[℃]~+85[℃] BU5281S: Ta=-40[℃]~+105[℃]
(*19) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Número de pieza similar - BU7485G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7485G ROHM-BU7485G Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
More results

Descripción similar - BU7485G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com