Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7495SHFV Datasheet(PDF) 9 Page - Rohm

No. de pieza BU7495SHFV
Descripción Electrónicos  High Speed with Low Voltage CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7495SHFV Datasheet(HTML) 9 Page - Rohm

Back Button BU7495SHFV Datasheet HTML 5Page - Rohm BU7495SHFV Datasheet HTML 6Page - Rohm BU7495SHFV Datasheet HTML 7Page - Rohm BU7495SHFV Datasheet HTML 8Page - Rohm BU7495SHFV Datasheet HTML 9Page - Rohm BU7495SHFV Datasheet HTML 10Page - Rohm BU7495SHFV Datasheet HTML 11Page - Rohm BU7495SHFV Datasheet HTML 12Page - Rohm BU7495SHFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Technical Note
9/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
60
80
100
120
140
160
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07 1.E+08
FREQUENCY [Hz]
0
50
100
150
200
0
20
40
60
80
100
120
2
345
6
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
23
45
6
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0.0
1.0
2.0
3.0
4.0
5.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
23
45
6
SUPPLY VOLTAGE [V]
-15
-10
-5
0
5
10
15
-1
0
123
4
INPUT VOLTAGE [V]
Reference Data (BU7291 family)
(*)The above data is ability value of sample, it is not guaranteed. BU7291G: -40[℃] ~ +85[℃] BU7291SG: -40[℃] ~ +105[℃]
Fig.16
Fig.17
Fig.18
-40℃
25℃
85℃
105℃
BU7291 family
-40℃
25℃
85℃
105℃
BU7291 family
BU7291 family
5.5V
2.4V
3.0V
BU7291 family
5.5V
2.4V
3.0V
BU7291 family
5.5V
2.4V
3.0V
BU7291 family
Phase
Gain
BU7291 family
-40℃
25℃
85℃
105℃
BU7291 family
5.5V
2.4V
3.0V
BU7291 family
BU7291 family
5.5V
2.4V
3.0V
-40℃
25℃
85℃
105℃
BU7291 family
Fig.13
Fig.14
Fig.15
Fig.19
Fig.20
Fig.21
Fig.22
Fig.23
Voltage Gain-Frequency
Common Mode Rejection Ratio
– Supply Voltage (VDD=3[V])
Slew Rate L-H
– Ambient Temperature
Slew Rate H-L – Ambient Temperature
Input Offset Voltage – Supply Voltage
(Vicm=VDD, VOUT=1.5[V])
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, VOUT=1.5[V])
Input Offset Voltage – Input Voltage
(VDD=3[V])
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Power Supply Rejection Ratio
– Ambient Temperature
Common Mode Rejection Ratio
– Ambient Temperature


Número de pieza similar - BU7495SHFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7495SHFV ROHM-BU7495SHFV Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7495SHFV ROHM-BU7495SHFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495SHFV-TR ROHM-BU7495SHFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
More results

Descripción similar - BU7495SHFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com