Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU21024GUL-ME2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BU21024GUL-ME2
Descripción Electrónicos  Resistive Type Touch Screen Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU21024GUL-ME2 Datasheet(HTML) 1 Page - Rohm

  BU21024GUL-ME2 Datasheet HTML 1Page - Rohm BU21024GUL-ME2 Datasheet HTML 2Page - Rohm BU21024GUL-ME2 Datasheet HTML 3Page - Rohm BU21024GUL-ME2 Datasheet HTML 4Page - Rohm BU21024GUL-ME2 Datasheet HTML 5Page - Rohm BU21024GUL-ME2 Datasheet HTML 6Page - Rohm BU21024GUL-ME2 Datasheet HTML 7Page - Rohm BU21024GUL-ME2 Datasheet HTML 8Page - Rohm BU21024GUL-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Touch Screen Controller ICs
Resistive Type
Touch Screen Controller ICs
BU21023GUL, BU21023MUV, BU21024FV-M
Description
Unlike most resistive touch screen controllers, the BU21023/ BU21024 4-wire resistive touch screen controllers enable
dual-touch detection and gesture recognition. These intelligent controllers expose a set of registers to a host processor and
are software configurable. The controllers can detect single point coordinates, dual coordinates, pinch, spread, rotate left
and rotate right gestures, enabling pan and zoom operations in applications that previously had to rely exclusively on
capacitive touch technology. Resistive touch does not require custom panel development which reduces development cost
and results in faster time to market across a family of products.
Features
1) Enables single touch, dual touch & gesture recognition using standard 4-wire resistive touch panels
2) Adjustable touch detection threshold allows fine tuning of pressure sensitivity for an application
3) Enables measurement of single point touch pressure
4) SPI and I
2C like interface for interfacing to host processor
5) Programmable interrupt polarity
6) 10-bit ADC provides sufficient resolution for finger or stylus inputs
7) Firmware for internal CPU may be downloaded from Host processor or from an EEPROM
8) Includes filtering options to eliminate false coordinates
9) Built in support for intelligent calibration
10) Easy to swap X & Y coordinates or adapt to different touch panel connections
11) Single 3V power supply
12) Available in a range of small package sizes and temperature ranges
13) Ideally suited for large volume automotive, consumer and industrial applications
Application
Products with a LCD that can benefit from pan and zoom operations.
Smart phones, Digital Cameras, Video Cameras, GPS Receivers, Printers,
Copiers, automotive navigation panels, touch kiosks
Tablet PCs , Notebook computers, LCD displays (with USB interface)
Line up matrix
Parameter
BU21023GUL
BU21023MUV
BU21024FV-M
Screen
4-wire resistive
touch screen
4-wire resistive
touch screen
4-wire resistive
touch screens
Maximum detection point
2
2
2
Integrated Filter process
Yes
Yes
Yes
Gesture Detection
Yes
Yes
Yes
Supplied Voltage Range(V)
2.7 - 3.6
2.7 - 3.6
2.7 - 3.6
Temperature Range(℃)
-20 - 85
-20 - 85
-40 - 85
Host I/F
4-wire SPI
2-wire serial
4-wire SPI
2-wire serial
4-wire SPI
2-wire serial
PKG
VCSP50L2
VQFN028V5050
SSOP-B28
No.11105EAT01


Número de pieza similar - BU21024GUL-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-E2 ROHM-BU21024FV-E2 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Descripción similar - BU21024GUL-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com