Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LS02-1A66-PP-5000W Datasheet(PDF) 1 Page - Meder Electronic |
|
LS02-1A66-PP-5000W Datasheet(HTML) 1 Page - Meder Electronic |
|
1 / 1 page 9522661504 Item No.: Item: Europe: USA: Asia: LS02-1A66-PP-5000W +49 / 7731 8399 0 +1 / 508 295 0771 +852 / 2955 1682 | Email: info@meder.com | Email: salesusa@meder.co | Email: salesasia@meder.co Special Product Data Conditions Min Typ Max Unit not to exceed their individual max.'s Contact rating DC or Peak AC operating voltage DC or Peak AC operating ampere DC or Peak AC Switching current measured with 40% overdrive Sensor-resistance PP Housing material white Case color Polyurethan Sealing compound Environmental data Conditions Min Typ Max Unit Not including cable Operating temperature including cable Operating temperature Storage temperature IP68, until the thread DIN EN 60529 safety class Cable specification Conditions Min Typ Max Unit round cable Cable typ PVC Cable material 0,14 qmm Cross section General data Conditions Min Typ Max Unit over 5m cable, a series resistor is recommended. Mounting advice Tightening torque Modifications in the sense of technical progress are reserved 29.01.08 BUELTZHOEFFER ALICHTENSTEIN 02 Version: Designed by: Last Change at: Designed at: Last Change by: 07.03.08 BUELTZHOEFFER BUELTZHOEFFER Approval by: Approval by: 28.02.08 Approval at: Approval at: 07.03.08 |
Número de pieza similar - LS02-1A66-PP-5000W |
|
Descripción similar - LS02-1A66-PP-5000W |