Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KD2003-DC72A Datasheet(PDF) 2 Page - Rohm

No. de pieza KD2003-DC72A
Descripción Electrónicos  Thick film thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

KD2003-DC72A Datasheet(HTML) 2 Page - Rohm

  KD2003-DC72A Datasheet HTML 1Page - Rohm KD2003-DC72A Datasheet HTML 2Page - Rohm KD2003-DC72A Datasheet HTML 3Page - Rohm KD2003-DC72A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KD2003-DC72A
Data Sheet
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Equivalent circuit
Fig.1
DI No.
DI2
640 to 385
384 to
1
DI1
DOT No.
/ STB No.
/ STB2
640 to 385
384 to
1
/ STB1
DOT No.
CLK No.
CLKIN2
640 to 385
384 to
1
CLKIN1
DOT No.
VH
LATCH REGISTER
THERMISTOR
30k
Ω B: 3950K
To Each IC
VDD
GND
/ RESET
CLKIN2
CLKIN1
CLKOUT2
DI2
DO2
DI1
DO1
/ LOAD
/ STB2
/ STB1
START
INC
TM
TM
SEL2
SEL1
DOT
#640
DOT
#1
220
µF
35V
0.1
µF
50V
N.C.
CONNECTOR
SHIFT
REGISTER
SHIFT
REGISTER
#640
#1
#256
#257
Pin assignments
1VDD
VDD
SEL2
SEL1
CLKIN2 (CP)
NC
DI2
DI1
INC
/ LOAD
/ RESET
START
DO1
DO2
TM
TM
/ STB2
/ STB1
CLKOUT2
CLKIN1
2
3
4
5
6
7
8
9
10
18
19
20
11
12
13
14
15
16
17
Circuit
No.
1VH (COM)
VH (COM)
VH (COM)
GND
GND
GND
2
3
4
5
6
Circuit
No.
No.
Circuit
CONNECTOR B
CONNECTOR A


Número de pieza similar - KD2003-DC72A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
KD2003-DC70A ROHM-KD2003-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results

Descripción similar - KD2003-DC72A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
KF3002-GM50A ROHM-KF3002-GM50A Datasheet
81Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF3003-GM50A ROHM-KF3003-GM50A Datasheet
83Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC72A ROHM-KD3002-DC72A Datasheet
123Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3003-DC72A ROHM-KD3003-DC72A Datasheet
134Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF3006-GM50A ROHM-KF3006-GM50A Datasheet
88Kb / 6P
   Thick film thermal printhead (with thermal historical control)
KD3004-DC70A ROHM-KD3004-DC70A Datasheet
61Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC70A ROHM-KD3002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF2004-GM50A ROHM-KF2004-GM50A Datasheet
71Kb / 3P
   Thick film thermal printhead (with thermal historical control)
KD2002-DC70A ROHM-KD2002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD2003-DC70A ROHM-KD2003-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF2002-GM50A ROHM-KF2002-GM50A Datasheet
81Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com