Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KD3003-DF10A Datasheet(PDF) 4 Page - Rohm

No. de pieza KD3003-DF10A
Descripción Electrónicos  Compact high speed thick film thermal printhead (12 dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

KD3003-DF10A Datasheet(HTML) 4 Page - Rohm

  KD3003-DF10A_07 Datasheet HTML 1Page - Rohm KD3003-DF10A_07 Datasheet HTML 2Page - Rohm KD3003-DF10A_07 Datasheet HTML 3Page - Rohm KD3003-DF10A_07 Datasheet HTML 4Page - Rohm KD3003-DF10A_07 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KD3003-DF10A
Printheads
Rev.A
4/4
Characteristics
Effective printing width
Dot pitch
Total dot number
Average resistance value
Applied voltage
Applied power
Print cycle
Pulse width
Maximum number of dots energized simultaneously
Maximum clock frequency
Maximum roller diameter
Running life / pulse life
Operating temperature
Parameter
Rave
VH
PO
SLT
TON
81.312
0.0847
960
1000
24
0.51
0.82
0.26
512
16
φ18.0
50/5
×107
5 to 45
mm
mm
dots
V
W/dot
ms
ms
dots
MHz
mm
km/pulses
°C
Symbol
Typical
Unit
Electrical characteristic curves
Paper : KF50-HDA (OJI)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.3 Adaptive speed chart
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.00
0.05
0.10
0.15
0.20
0.25
0.30
ENERGY (
mJ/dot)
SLT : 0.82ms/line
Fig.4 Representative density curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.5 Maximum energy curve
0
20
40
60
80
100
120
140
160
180
−20 −10
10
30
50
70
020
40
60
TEMPERATURE : (
°C)
Fig.6 Thermistor curve


Número de pieza similar - KD3003-DF10A_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
63Kb / 4P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
61Kb / 4P
   Compact high speed thick film thermal printhead (12 dots / mm)
More results

Descripción similar - KD3003-DF10A_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
63Kb / 4P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3004-DF10A ROHM-KD3004-DF10A_07 Datasheet
84Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KF3002-GD31A ROHM-KF3002-GD31A Datasheet
90Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KF3004-GD31A ROHM-KF3004-GD31A Datasheet
89Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3002-DF10A ROHM-KD3002-DF10A_07 Datasheet
84Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3002-DF10A ROHM-KD3002-DF10A Datasheet
64Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
61Kb / 4P
   Compact high speed thick film thermal printhead (12 dots / mm)
KF3003-GD31A ROHM-KF3003-GD31A Datasheet
87Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3004-DF10A ROHM-KD3004-DF10A Datasheet
64Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD2003-DF10A ROHM-KD2003-DF10A Datasheet
62Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com