Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL353LT Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

No. de pieza SL353LT
Descripción Electrónicos  Micropower Omnipolar Digital Hall-Effect Sensor ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SL353LT Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SL353LT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SL353LT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SL353LT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SL353LT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SL353LT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SL353LT Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Honeywell Sensing and Control
3
Table 1. SL353 Series Specifications
1
Characteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage (Vs)
Ta = -40 C to 85 C
2.2
2.8
5.5
V
Active mode current
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
2.5
2.5
4
9
mA
Sleep mode current
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
1.5
1.5
2.5
8
μA
Average current:
SL353HT
SL353HT
SL353LT
SL353LT
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
0.33
0.33
1.8
1.8
0.64
2.3
3
9
mA
mA
μA
μA
Active mode time
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
3
3
6
6
9
30
μs
Period:
SL353HT
SL353HT
SL353LT
SLS353LT
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
30
20
30
20
45
45
45
45
80
150
80
150
μs
μs
ms
ms
Duty cycle:
SL353HT
SL353HT
SL353LT
SL353LT
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
10
5
0.01
0.005
13
13
0.013
0.013
16
25
0.016
0.025
%
Vout
1:
high
high
low
low
Vs = 2.8 V, Ta = 25 °C, load current = 100 µA
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C, load current = 100 µA
Vs = 2.8 V, Ta = 25 °C, load current = 100 µA
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C, load current = 100 µA
Vs - 0.15
Vs - 0.25
Vs - 0.11
Vs - 0.11
0.11
0.11
0.15
0.25
V
Operate point (positive)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
20
60
110
Gauss
Operate point (negative)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
-110
-60
-20
Gauss
Release point (positive)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
5
45
95
Gauss
Release point (negative)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
-95
-45
-5
Gauss
Differential
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
3
15
60
Gauss
Operating temperature
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
-40 [-40]
85 [185]
°C [°F]
Storage temperature
-40 [-40]
150 [302]
°C [°F]
Note 1: These Hall-effect sensors may have an initial output in either the ON or OFF state if powered up with an applied magnetic
field in the differential zone (applied magnetic field > Brp and < Bop). Honeywell recommends that the application circuit designer
allow 10 µs after supply voltage has reached its rated value for the output voltage to stabilize.
Table 2. SL353 Series Absolute Maximum Ratings
1
Characteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage
-0.5
6
V
Operating temperature
ambient
-40 [-40]
150 [302]
C [°F]
Soldering temperature
applied for <10 s
265 [509]
C [°F]
Output (load) current
5
mA
Note 1: The magnetic field strength (Gauss) required to cause the sensor to change state (operate and release) will be as
specified in the magnetic characteristics. To test the sensor against the specified magnetic characteristics, the sensor must be
placed in a uniform magnetic field.


Número de pieza similar - SL353LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SL35 BILIN-SL35 Datasheet
539Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL35 DAESAN-SL35 Datasheet
495Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results

Descripción similar - SL353LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH180 DIODES-AH180_10 Datasheet
248Kb / 13P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
NANJING AH ELECTRONICS ...
AH3663 AHNJ-AH3663 Datasheet
643Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
logo
NANJING AH ELECTRONICS ...
AH3661 AHNJ-AH3661 Datasheet
680Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com