Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LA-601AL Datasheet(PDF) 2 Page - Rohm |
|
LA-601AL Datasheet(HTML) 2 Page - Rohm |
2 / 5 page LA-601 B / L Series LED displays Rev.B 2/4 Absolute maximum ratings (Ta=25 °C) Parameter Unit mW mW mA mA V ˚C ˚C Red LA-601VB / VL 480 60 20 60 5 Green LA-601MB / ML 480 60 20 60 5 Blue LA-601BB / BL 336 42 10 50 5 PD PD / seg IF IFP VR Topr Tstg −25 to +75 −30 to +85 Power dissipation Power dissipation Forward current Peak forward current Reverse voltage Operating temperature Storage temperature Symbol ∗1 Pulse width 1ms Duty 1 / 5 ∗2 Pulse width 0.1ms Duty 1 / 10 ∗1 ∗2 ∗2 ∗2 ∗1 ∗2 LA-601AB / AL 520 65 25 50 5 Red (High brightness) LA-601EB / EL 520 65 25 50 5 Orange (High brightness) LA-601XB / XL 520 65 25 50 5 Yellow (High brightness) Electrical characteristics (Ta=25 °C) Parameter Red Typ. Unit V µA nm nm 2.0 − 650 40 Max. 2.8 100 − − VF IR λP ∆λ Forward voltage Reverse current Peak wavelength Spectral line half width Symbol IF =10mA VR =3V IF =10mA IF =10mA Conditions The products are not radiations resistant. Typ. 2.05 − 626 18 Max. 2.6 100 − − Typ. 2.05 − 610 17 Max. 2.6 100 − − Typ. 2.05 − 589 15 Max. 2.6 100 − − Typ. 2.1 − 563 40 Max. 2.8 100 − − Typ. 3.6 − 470 26 Max. 4.2 100 − − ∗∗ ∗ ∗∗ ∗ ∗∗ ∗ ∗ ∗ ∗ Green Blue ∗ Shows the number on the condition of IF=20mA. Yellow (High brightness) Red (High brightness) Orange (High brightness) Luminous intensity λP (nm) Unit Color 650 Type LA-601VB Min. 5.6 Typ. 14 mcd 626 LA-601AB 36 90 mcd 610 LA-601EB 36 90 mcd 589 LA-601XB 36 90 mcd 563 LA-601MB 9 22 mcd 470 LA-601BB LA-601VL LA-601AL LA-601EL LA-601XL LA-601ML LA-601BL 14 56 mcd A condition of measurement is IF =10mA. Red Red (High brightness) Orange (High brightness) Yellow (High brightness) Green Blue |
Número de pieza similar - LA-601AL |
|
Descripción similar - LA-601AL |