Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339DGKR Datasheet(PDF) 10 Page - Rohm |
|
LM339DGKR Datasheet(HTML) 10 Page - Rohm |
10 / 18 page Technical Note 10/17 LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 20 40 60 80 100 120 140 160 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0 20 40 60 80 100 120 140 160 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] -50 -40 -30 -20 -10 0 10 20 30 40 50 010 20 30 40 SUPPLY VOLTAGE [V] 0 50 100 150 200 010 20 30 40 SUPPLY VOLTAGE [V] 0 50 100 150 200 -50 -25 0 25 50 75 100 125 150 SUPPLY VOLTAGE [V] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 2 4 6 8 101214 161820 OUTPUT SINK CURRENT [mA] 0 10 20 30 40 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] -8 -6 -4 -2 0 2 4 6 8 0 10203040 SUPPLY VOLTAGE [V] -8 -6 -4 -2 0 2 4 6 8 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 10203040 SUPPLY VOLTAGE [V] 0 200 400 600 800 1000 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] ● Reference Data LM2901 family Input Offset Current – Supply Voltage Input Bias Current – Supply Voltage Input Bias Current – Ambient Temperature Input Offset Voltage – Ambient Temperature Supply Current – Ambient Temperature Input Offset Voltage – Supply Voltage Low Level Output Voltage – Output Sink Current (VCC=5[V]) Output Saturation Voltage – Ambient Temperature (IOL=4[mA]) Output Sink Current – Ambient Temperature (VOUT=1.5[V]) Derating Curve Supply Current – Supply Voltage Output Saturation Voltage – Supply Voltage (IOL=4[mA]) 2V 36V 5V 2V 36V 5V -40℃ 25℃ 125℃ -40℃ 25℃ 125℃ 2V 5V 36V 36V 5V 2V -40℃ 25℃ 125℃ 125℃ 25℃ -40℃ -40℃ 25℃ 125℃ 2V 5V LM2901 family 105℃ 105℃ 105℃ 36V LM2901 family LM2901 family LM2901 family LM2901 family LM2901 family LM2901 family LM2901 family LM2901 family LM2901 family LM2901 family -40℃ 25℃ 125℃ 105℃ Fig. 67 Fig. 68 Fig. 69 Fig. 70 Fig. 71 Fig. 72 Fig. 73 Fig. 74 Fig. 75 105℃ 105℃ (*)The data above is ability value of sample, it is not guaranteed. LM901family:-40[℃]~+125[℃] 0 200 400 600 800 1000 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] LM2901 family LM290PWR LM2901DR Fig. 64 Fig. 65 Fig. 66 |
Número de pieza similar - LM339DGKR |
|
Descripción similar - LM339DGKR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |