Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21WT Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza BAS21WT
Descripción Electrónicos  200mW Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS21WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS21WT Datasheet HTML 1Page - Micro Commercial Components BAS21WT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19WT
BAS20WT
BAS21WT
200mW Switching
Diode
Features
Power dissipation: 200mW (Tamb=25 )
Collector current: 200mA
Maximum Ratings
Operating Temperature: -55
to +150
Storage Temperature: -55
to +150
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
BAS19WT
BAS20WT
BAS21WT
VR
100V
150V
200V
IR=100
­A
Peak Forward Current
IF
200mA
Maximum
Instantaneous Forward
Voltage
VF
1.0V
1.25V
IFM =100mA;
IFM =200mA;
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
0.1
µA
VR=100Volts(BAS19WT)
VR=150Volts(BAS20WT)
VR=200Volts(BAS21WT)
Diode Capacitance
CD
5pF
Measured at 1.0MHz,
VR=0V
Reverse Recovery
Time
Trr
50ns
IF=IR=30mA
Irr=0.1IR
Revision:
A
20
11/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
Marking: BAS19W
KA8
BAS20W
KT2
BAS21W
KT3
TM
Micro Commercial Components
www.mccsemi .com
1 of 2
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Número de pieza similar - BAS21WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BAS21WT MCC-BAS21WT Datasheet
341Kb / 2P
   200mW Switching Diode
BAS21WT MCC-BAS21WT Datasheet
189Kb / 2P
   200mW Switching Diode
More results

Descripción similar - BAS21WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
   200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
   200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
   200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
   200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
   200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
   200mW Switching Diode
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
   200mW Switching Diode
BAW56WT MCC-BAW56WT_11 Datasheet
185Kb / 2P
   200mW Switching Diode
BAS16TW MCC-BAS16TW Datasheet
178Kb / 2P
   200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
   200mW Switching Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com