Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-020MVT Datasheet(PDF) 2 Page - Rohm

No. de pieza SML-020MVT
Descripción Electrónicos  2-color type with eflector(standard)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-020MVT Datasheet(HTML) 2 Page - Rohm

  SML-020MVT Datasheet HTML 1Page - Rohm SML-020MVT Datasheet HTML 2Page - Rohm SML-020MVT Datasheet HTML 3Page - Rohm SML-020MVT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5
2.0
2.5
3.0
100
10
0
FORWARD VOLTAGE:VF (V)
Ta=25°C
SML-020MVT(V)
SML-020MVT(M)
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=20mA
FORWARD CURRENT : IF (mA)
1.5
1.0
0.5
0
5
15
25
10
20
0
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
40
30
-40 -20
0
20
40
60
80 100
100
10
1
FORWARD VOLTAGE:VF (V)
1.6
2.5
2.0
3.0
Ta=25°C
3.5
SML022BUT(U)
SML022BUT(B)
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML022BUT(U)
SML022BUT(B)
FORWARD CURRENT : IF (mA)
1.5
1.0
0.5
0
10
5
30
20
25
15
0
Ta=25°C
SML022BUT(U)
SML022BUT(B)
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
40
30
-40 -20
0
20
40
60
80 100
SML022BUT(U)
SML022BUT(B)
1.5
1.0
2.0
2.5
3.0
100
10
0
FORWARD VOLTAGE:VF (V)
Ta=25°C
SML-022ML8T(L)
SML-022ML8T(M)
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.2
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=20mA
FORWARD CURRENT : IF (mA)
1.2
1.0
0.8
0.6
0.4
0.2
0
5
15
10
20
0
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
40
30
-40 -20
0
20
40
60
80 100
SML-022ML8T
SML-020MVT(V)
SML-020MVT(M)
SML-020MVT(V)
SML-020MVT(M)
SML-022ML8T(L)
SML-022ML8T(M)
SML-022ML8T
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-02 Series
SML-020MVT(V)
SML-020MVT(M)
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Número de pieza similar - SML-020MVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-020MVT ROHM-SML-020MVT Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors SML-020 Series
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
More results

Descripción similar - SML-020MVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
   3-color type LED (standard)
SML032RGB ROHM-SML032RGB Datasheet
141Kb / 3P
   3-color type LED (standard)
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
   2-color type LED
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   2-color type LED
SML-D22X ROHM-SML-D22X Datasheet
273Kb / 10P
   2-color type LED
2020.4 - Rev.006
SML-52 ROHM-SML-52 Datasheet
2Mb / 4P
   2-color type LED
logo
BetLux Electronics
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L817 BETLUX-BL-L817 Datasheet
324Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com