Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-020MVT Datasheet(PDF) 3 Page - Rohm

No. de pieza SML-020MVT
Descripción Electrónicos  2-color type with eflector(standard)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-020MVT Datasheet(HTML) 3 Page - Rohm

  SML-020MVT Datasheet HTML 1Page - Rohm SML-020MVT Datasheet HTML 2Page - Rohm SML-020MVT Datasheet HTML 3Page - Rohm SML-020MVT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-02 Series
Rank Reference of Brightness
Dual Color
(Ta=25˚C, IF=20mA)
Package
size
(mm)
Height
(mm)
Part No.
Luminous
Intensity
(mcd)
Emitting Color
K
L
M
N
P
Q
R
S
T
U
4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 90 to 140 140 to 220 220 to 360
Chip LEDs
with
Reflector
3025
1.3
SML022BUT
Red
U
Blue
B
SML-020MVT
Red
V
Green
M
SML-022ML8T
Red
L
Green
M
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
0 2 2 M L 8 T
P
N
T 8 6
Special Code
“−” will be taken out for
emitting color B series.
Series name
Package name Chip Type
Emitting Color
Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
0 Standard Type
2 High Brightness Type
M
B
T86
T87
T Transparent Colorless
Cathode at sprocket hole side
Reverse of T86
Red:630nm
L Red:635nm
Red:620nm
Yellowish-Green:572nm
Blue:470nm
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Número de pieza similar - SML-020MVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-020MVT ROHM-SML-020MVT Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors SML-020 Series
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
More results

Descripción similar - SML-020MVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
   3-color type LED (standard)
SML032RGB ROHM-SML032RGB Datasheet
141Kb / 3P
   3-color type LED (standard)
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
   2-color type LED
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   2-color type LED
SML-D22X ROHM-SML-D22X Datasheet
273Kb / 10P
   2-color type LED
2020.4 - Rev.006
SML-52 ROHM-SML-52 Datasheet
2Mb / 4P
   2-color type LED
logo
BetLux Electronics
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L817 BETLUX-BL-L817 Datasheet
324Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com