Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML312BC4T Datasheet(PDF) 3 Page - Rohm

No. de pieza SML312BC4T
Descripción Electrónicos  Abundant color variations with diverse luminous intensity types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML312BC4T Datasheet(HTML) 3 Page - Rohm

  SML312BC4T Datasheet HTML 1Page - Rohm SML312BC4T Datasheet HTML 2Page - Rohm SML312BC4T Datasheet HTML 3Page - Rohm SML312BC4T Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML312WBCW(A)
SML-31 series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311UT
※/※1
SML-310VT
Orange (D)
(Ta=25˚C,IF=2mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311DT
Yellow (Y, W)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311YT
※/※1
SML-311WT
※/※1
SML-310YT
Green (M, P, E)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63to1.0 1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10
10to16
16to25
25to40
40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1800
Mini-mold
ChipLEDs
1608
0.8
SML-310MT
SML312ECT
SML-310PT
SML312EC4T
Blue (B)
White (WB)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9to1.4 1.4to2.2 2.2to3.6 3.6to5.6 5.6to9.0 9to14
14to22 22to36 36to56 56to90 90to140 140to220 220to360 360to560 560to900
Mini-mold
ChipLEDs
1608
0.8
SML312BC4T
SML312BCT
(Ta=25˚C,IF=5mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
X1
X2
Y1
Y2
Z1
25to36
36to56
56to90 90to140 140to220 220to360 360to560 560to900 900to1100 1100to1400 1400to1800 1800to2200 2200to2800
Mini-mold
ChipLEDs
1608
0.8
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
3 1 0 D
T
K
T 8 6
Special Code will be applied for
Emitting color W/B/E series.
Chromaticity rank (for white LED)
“−” will be taken out for
emitting color W/B/E series.
Series name
Package type
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
0
1
Standard Type
Low Current Type
2 High Brightness Type
T86
T87
1
T Transparent Colorless
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
V
U
Y
W
M
P
E
Red:630nm
Red:620nm
Yellow:587(590)nm
D Orange:605nm
Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Bluish-Green:527nm
B Blue:470(466)nm
WB White
Packing Specification
ROHMLEDproductsarebeingshippedwithdesiccant(silicagel)concludedinmoisture-proofbags.
Pastingthemoisturesensitivelabelontheoutersurfaceofthemoisture-proofbagsorenclosingthehumidityindicationcardinsidethebagisavailableuponrequest.
Pleasecontactthenearestsalesofficeordistributerifnecessary.
※Brightnessonspecificationsheetincludetoleranceofwithin±10%.※1:IF=2mA
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Número de pieza similar - SML312BC4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML312BC4T ROHM-SML312BC4T Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312BC4T ROHM-SML312BC4T Datasheet
1Mb / 4P
   1608 standard size(1.6x0.8mm, t=0.8mm)
SML312BC4T ROHM-SML312BC4T Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Descripción similar - SML312BC4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
logo
Vishay Siliconix
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
   Luminous intensity and color categorized
Rev. 1.3, 14-Oct-14
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com