Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807-40 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza BC807-40
Descripción Electrónicos  PNP Silicon General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC807-40 Datasheet(HTML) 1 Page - Micro Commercial Components

  BC807-40 Datasheet HTML 1Page - Micro Commercial Components BC807-40 Datasheet HTML 2Page - Micro Commercial Components BC807-40 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Data
Case: SOT-23 Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (approx.)
Device Marking:
BC807-16
5A1
BC807-25
5B
BC807-40
5C
BC807-16
BC807-25
BC807-40
PNP Silicon
General Purpose
Transistors
Features
Capable of 0.3Watts of Power Dissipation.
Collector-current 0.5A
Collector-base Voltage 50V
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
45
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10uAdc, IE=0)
50
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=1.0uAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=45Vdc,IE=0)
---
0.1
uAdc
ICEO
Collector Cutoff Current
(VCE=40V dc,IE=0)
---
0.2
uAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=100mAdc, VCE=1.0Vdc)
BC807-16
BC807-25
BC807-40
100
160
250
250
400
600
---
---
---
hFE(2)
DC Current Gain
(IC=500mAdc, VCE=1.0Vdc)
40
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
0.7
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=500mAdc,IB=50mAdc)
---
1.2
Vdc
SMALL SIGNAL CHARACTERISTICS
fT
Current-Gain-Bandwidth Product
(VCE=5.0V, f=100MHz, IC=10mA)
100
---
MHz
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
3
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)


Número de pieza similar - BC807-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
BC807-40 GE-BC807-40 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Diodes Incorporated
BC807-40 DIODES-BC807-40 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Micro Commercial Compon...
BC807-40 MCC-BC807-40 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
logo
NXP Semiconductors
BC807-40 NXP-BC807-40 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
More results

Descripción similar - BC807-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com