Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-A1 Datasheet(PDF) 2 Page - Rohm

No. de pieza SML-A1
Descripción Electrónicos  Side-view type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-A1 Datasheet(HTML) 2 Page - Rohm

  SML-A1 Datasheet HTML 1Page - Rohm SML-A1 Datasheet HTML 2Page - Rohm SML-A1 Datasheet HTML 3Page - Rohm SML-A1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
10
100
FORWARD VOLTAGE:VF (V)
2.0
2.5
3.0
3.5
4.0
Ta=25°C
FORWARD VOLTAGE:VF (V)
100
10
2.0
2.5
1.5
1.0
3.0
1
Ta=25°C
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
80
60
40
20
100
120
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
Ta=25°C
0
10
20
30
1.4
0.4
0.2
0.8
0.6
1.2
1.0
0
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
40
30
-40
-20
0
20
40
60
80
100
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.6
1.2
1
0.8
0.6
0.2
0.4
-40
-20
0
20
40
60
80
100
1.8
IF=20mA
100
10
1
FORWARD VOLTAGE:VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=5mA
SMLA13BDT
SMLA12BC7T
SMLA12WBC7W
SMLA13WBDW
4.0
2.0
1.0
3.0
0.1
FORWARD CURRENT:IF (mA)
0
5
10
15
20
Ta=25°C
AMBIENT TEMPERATURE:Ta (
°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
SMLA12BC7T
SMLA13BDT
SMLA12WBC7W
SMLA13WBDW
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
SML-A12UT(J)
SML-A12DT(J)
SML-A12WT(J)
SML-A12MT(J)
SMLA12WBC7W
SMLA12BC7T
SMLA13WBDW
SMLA13BDT
SMLA12BC7T
SMLA12WBC7W
SMLA13BDT
SMLA13WBDW
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
SML-A12V8T
SML-A12U8T
SML-A12D8T
SML-A12Y8T
SML-A12M8T
SML-A12P8T
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-A1 Series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Número de pieza similar - SML-A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-A10MT ROHM-SML-A10MT Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-A12 ROHM-SML-A12 Datasheet
123Kb / 3P
   Side View Chip LEDs
SML-A12D8T ROHM-SML-A12D8T Datasheet
111Kb / 3P
   Side View Chip LEDs
More results

Descripción similar - SML-A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RPM-20PBM ROHM-RPM-20PBM Datasheet
75Kb / 4P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB_10 Datasheet
138Kb / 3P
   Phototransistor, side view type
RPM-20PB ROHM-RPM-20PB Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
   Phototransistor, side view type
RPM-22PB ROHM-RPM-22PB Datasheet
62Kb / 3P
   Phototransistor, side view type
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com