Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-810UWT86P Datasheet(PDF) 2 Page - Rohm

No. de pieza SML-810UWT86P
Descripción Electrónicos  Reverse-mount type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-810UWT86P Datasheet(HTML) 2 Page - Rohm

  SML-810UWT86P Datasheet HTML 1Page - Rohm SML-810UWT86P Datasheet HTML 2Page - Rohm SML-810UWT86P Datasheet HTML 3Page - Rohm SML-810UWT86P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE:VF (V)
2.0
2.5
3.0
3.5
4.0
1
10
100
Ta=25°C
SML812BCT
FORWARD VOLTAGE:VF (V)
1.0
1.5
2.0
2.5
3.0
1
10
100
Ta=25°C
SML-812MT
SML-810MT
FORWARD VOLTAGE:VF (V)
1.0
1.5
2.0
2.5
3.0
1
10
100
Ta=25°C
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
ATMOSPHERE TEMPERATURE:Ta (°C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
-0
-20
-40
IF=20mA
SML812BCT
FORWARD CURRENT:IF (mA)
0
5
10
15
20
25
0
0.5
1.0
1.5
f=1kHz
AMBIENT TEMPERTURE:Ta (°C)
-40
0
-20
20
40
60
80
100
0
10
20
30
SML-812MT
SML-810MT
ATMOSPHERE TEMPERATURE:Ta (°C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
IF=10mA
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
FORWARD CURRENT:IF (mA)
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
f=1kHz
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
AMBIENT TEMPERTURE:Ta (°C)
-40
0
-20
20
40
60
80
100
0
10
20
30
ATMOSPHERE TEMPERATURE:Ta (°C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
80
60
40
20
-0
-20
-40
IF=20mA
SML-812MT
SML-810MT
SML-812MT
SML-810MT
FORWARD CURRENT:IF (mA)
0
0.2
0.4
0.6
0.8
1.2
1.0
20
15
10
5
0
Ta=25°C
SML812BCT
AMBIENT TEMPERTURE:Ta (°C)
0
10
20
30
100
80
60
40
20
0
-20
-40
SML812BCT
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-81 Series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Número de pieza similar - SML-810UWT86P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-810MT ROHM-SML-810MT Datasheet
76Kb / 3P
   Reverse mount type chip LED
SML-810MT ROHM-SML-810MT Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
logo
List of Unclassifed Man...
SML-810MT ETC1-SML-810MT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-810TB ROHM-SML-810TB Datasheet
116Kb / 6P
   Photo Transistor
More results

Descripción similar - SML-810UWT86P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
logo
Adam Technologies, Inc.
CF2A-50-SG-R-C1 ADAM-TECH-CF2A-50-SG-R-C1 Datasheet
225Kb / 1P
   CF TYPE SOCKET REVERSE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com