Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMR211LFS Datasheet(PDF) 2 Page - C&K Components

No. de pieza KMR211LFS
Descripción Electrónicos  Microminiature SMT Top Actuated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR211LFS Datasheet(HTML) 2 Page - C&K Components

  KMR211LFS Datasheet HTML 1Page - C&K Components KMR211LFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–10
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
B
B
A
A
ø
+0,25
0
ø
GROUND TERMINAL
60 max
4 ± 0,1
1,5 ± 0,1
2 ± 0,05
1,5
3,03 ± 0,1
2,13 ± 0,1
0,292 ± 0,02
SECTION A-A
DE-REELING DIRECTION
OUT OF THE TAPE
70 max
KMR 2 Series
Microminiature Tact Switch for SMT
B
B
2,11
4,2
4,6
5
1,7
3,2
3
4
2
1
5
KMR 2 Series - 1.9 mm height
DIRECTION OF FEED
TAPE & REEL
PCB layout shown with ground pin option


Número de pieza similar - KMR211LFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
KMR211LFS CK-COMPONENTS-KMR211LFS Datasheet
161Kb / 2P
   KMR 2 Series Microminiature SMT Top Actuated
More results

Descripción similar - KMR211LFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
   Microminiature SMT Top Actuated
KMR4 CK-COMPONENTS-KMR4_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
14 Nov 22
PTS830 CK-COMPONENTS-PTS830_V01 Datasheet
186Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
KMR4 CK-COMPONENTS-KMR4 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820 Datasheet
183Kb / 4P
   Microminiature SMT Top Actuated
KMR421GLFS CK-COMPONENTS-KMR421GLFS Datasheet
162Kb / 2P
   Microminiature SMT Top Actuated
PTS820 CK-COMPONENTS-PTS820_V01 Datasheet
213Kb / 3P
   Microminiature SMT Top Actuated
14 Nov 22
KMR2 CK-COMPONENTS-KMR2_V01 Datasheet
192Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
   Microminiature SMT Top Actuated
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com