Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT004 Datasheet(PDF) 1 Page - C&K Components

No. de pieza SDT004
Descripción Electrónicos  Micro Mini Pendulum Surface Mount Detect Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDT004 Datasheet(HTML) 1 Page - C&K Components

  SDT004 Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
BB
16
3.15 +0.15
-0.05
2.85 +0.15
-0.05
3.3
+0.1
0
2.2 +0.15
-0.05
2.2
2
1.5+0.1
0
7.5
380 REF
0.5
4
8
TYP
1.75
0.45
1 +0.2
0
0.8+0.2
0
0.6 +0.1
0
1
CARRIER TAPE
SECTION
A-A
SECTION B-B
NO SCALE
PP
5
E
E–11
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
6X 0.6
2.1
1.4
1.2
0.5
1.35
0.9
2
1.8
3±0.05
3.3
0.85
R0.11
2.35
2.2
TOTAL TRAVEL
POSITION
1.45
PIVOT
0.85
2.6
20° +10°
-5°
'ON' STARTING
POSITION
20° +10 °
-5°
0.35
30° OR MORE
30° OR MORE
1.4
HOLE
0.75
0.85
0.85
0.5
0.7 0
-0.07
45° X
CHAMFER
0.1
0.85
6X0.4
0.1
0.39
RECOMMENDED STROKE
0.1
AB
A
B
C
D
E
F
SCALE 10 :1
PADS
PC BOARD LAYOUT
Third Angle
Projection
SDT Series
Micro Mini Pendulum Surface Mount Detect Switches
Specifications
CONTACT RATING: 1 mA 5 VDC
MECHANICAL AND ELECTRICAL LIFE: 100,000 cycles min.
CONTACT RESISTANCE: 1
Ω max. initial.
INSULATION RESISTANCE: 10 M
Ω min. between
adjacent contacts.
OPERATING TEMPERATURE: -200C to +700C
STORAGE TEMPERATURE: -300C to +800C
PACKAGING: Tape & reel, 2,200 per reel.
Materials
BASE: LCP
COVER: PA 46
ACTUATOR: LCP
MOVABLE BLADE: Silver over nickel plate.
TERMINALS: Silver over nickel plate.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
Complete part numbers for SDT Series are
shown below.
Silver
SDT004
SCHEMATIC
TERMINALS
PART NUMBER
AF
DC
E
B
CIRCUIT DIAGRAM
b
a
Features/Benefits
Low profile package sits just
3,30 mm off PCB
Design allows top or side actuation
Low actuation force, 30 grams max.
Pick and place compatible, available in
tape & reel packaging
RoHS compliant and compatible
Typical Applications
Consumer electronics
Computers
Medical devices
ATCA or MicroTCA devices
AdvancedTCAR
TAPE & REEL


Número de pieza similar - SDT004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDT01N02 SAMHOP-SDT01N02 Datasheet
130Kb / 7P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
logo
Infineon Technologies A...
SDT02S60 INFINEON-SDT02S60 Datasheet
204Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.0 2004-03-22
logo
SamHop Microelectronics...
SDT03N04 SAMHOP-SDT03N04 Datasheet
188Kb / 7P
   S uper high dense cell des ign for low R DS (ON).
logo
List of Unclassifed Man...
SDT0402T-100M-N ETC2-SDT0402T-100M-N Datasheet
609Kb / 4P
   SMD Shielded Power Inductors
More results

Descripción similar - SDT004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
KSU ITT-KSU Datasheet
91Kb / 3P
   Micro Mini Surface Mount Detect Switches
HDT0001 ITT-HDT0001 Datasheet
159Kb / 1P
   Micro Mini Surface Mount Detect Switches
logo
C&K Components
HDT CK-COMPONENTS-HDT Datasheet
228Kb / 4P
   Micro Mini Surface Mount Detect Switches
KSU CK-COMPONENTS-KSU Datasheet
172Kb / 2P
   Micro Mini Surface Mount Detect Switches
HDT CK-COMPONENTS-HDT_V01 Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
KSU CK-COMPONENTS-KSU_V01 Datasheet
185Kb / 2P
   Micro Mini Surface Mount Detect Switches
2017
HDT CK-COMPONENTS-HDT_V02 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
KSU CK-COMPONENTS-KSU_V02 Datasheet
234Kb / 2P
   Micro Mini Surface Mount Detect Switches
SDP CK-COMPONENTS-SDP Datasheet
125Kb / 1P
   Micro Mini Pendulum SMT Detect Switch
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
   Micro Mini Side Actuated Surface Mount Detect Switches
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com