Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL5817 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza DL5817
Descripción Electrónicos  1 Amp Schottky Barrier Rectifier 20 to 40 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL5817 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL5817 Datasheet HTML 1Page - Micro Commercial Components DL5817 Datasheet HTML 2Page - Micro Commercial Components DL5817 Datasheet HTML 3Page - Micro Commercial Components DL5817 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DL5817
THRU
DL5819
1 Amp Schottky
Barrier Rectifier
20 to 40 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
Schottky Barrier Rectifier
Guard Ring Protection
Low Forward Voltage
Low Power Loss For High Efficiency
High Current Capability
Surface Mount Applications
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DL5817
---
20V
14V
20V
DL5818
---
30V
21V
30V
DL5819
---
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
DL5817
DL5818
DL5819
VF
.45V
.55V
.60V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
TJ = 25
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
Cathode Mark
.220”
.035”
.115”
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 15
°C/W Junction To Lead
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Número de pieza similar - DL5817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
DL5817 MCC-DL5817 Datasheet
78Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
SHENZHEN YONGERJIA INDU...
DL5817 WINNERJOIN-DL5817 Datasheet
120Kb / 2P
   Silicon epitaxial planer type
logo
Microdiode Electronics ...
DL5817 CHENDA-DL5817 Datasheet
615Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - DL5817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SR102 MCC-SR102 Datasheet
311Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817_11 Datasheet
409Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817 Datasheet
81Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817 YFWDIODE-1N5817 Datasheet
77Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
1N5817 MCC-1N5817_14 Datasheet
493Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817-DO41 YFWDIODE-1N5817-DO41 Datasheet
277Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
DL5817 MCC-DL5817 Datasheet
78Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com