Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

OD1232 Datasheet(PDF) 1 Page - ORION FANS

No. de Pieza. OD1232
Descripción  DC Fan - 12, 24, 48V 120x32mm (4.7”x 1.25”)
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ORIONFANS [ORION FANS]
Página de inicio  http://www.orionfans.com/index.html
Logo 

OD1232 Datasheet(HTML) 1 Page - ORION FANS

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
49
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD1232 Series
DC Fan - 12, 24, 48V
120x32mm (4.7”x 1.25”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (FG)
Alarm (RD)
Thermal Speed Control
(Thermistor)
PWM Input (Manual Speed
Control)
Life Expectancy (L10)
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Connection
2x Lead wires
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Dual Ball or Sleeve
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD1232-12H *
3750
120
51
12
6~13.8
0.60
0.42
OD1232-12M *
3300
107
48
12
6~13.8
0.50
0.33
OD1232-12L *
2900
93
44
12
6~13.8
0.32
0.27
OD1232-24H *
3750
120
51
24
12~27.8
0.45
0.42
OD1232-24M *
3300
107
48
24
12~27.8
0.28
0.33
OD1232-24L *
2900
93
44
24
12~27.8
0.22
0.27
OD1232-48H *
3750
120
51
48
24~55.2
0.18
0.42
OD1232-48M *
3300
107
48
48
24~55.2
0.15
0.33
OD1232-48L *
2900
93
44
48
24~55.2
0.13
0.27
* Indicate “B” to specify Ball bearing or “S” to specify Sleeve bearing
m4
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 49


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn