Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856ARF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BC856ARF
Descripción Electrónicos  250mW, PNP Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC856ARF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC856ARF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC856ARF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC856ARF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC856ARF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC856A/B, BC857A/B/C, BC858A/B/C
250mW, PNP Small Signal Transistor
Small Signal Transistor
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
BC856
BC857
BC858
IC= -10μAIE= 0
V
Collector-Emitter Breakdown Voltage
BC856
BC857
BC858
IC= -10mA IB= 0
V
IE= -1μAIC= 0
V
VCB= -30V IE= 0
nA
VEB= -5V
IC=0
μA
VCE= -5V
IC= -2mA
IC= -100mA IB= -5mA
V
IC= -100mA IB= -5mA
V
VCE= -5V
IC= -10mA f= 100MHz
MHz
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
BC856A, BC857A, BC858A
DC current gain
BC856B, BC857B, BC858B
BC857C, BC858C
2.00 ±0.05
Emitter-Base Breakdown Voltage
0.229 ±0.013
Collector Cut-off Current
IEBO
-
125
220
420
hFE
Emitter Cut-off Current
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
-
-
ICBO
V(BR)CEO
V(BR)EBO
12.30 ±0.20
8.10 ±0.20
W
4.00 ±0.10
E
F
-
-
Transition frequency
W1
P0
P1
100
fT
-
T
D1
D2
-
-5
-0.1
250
475
800
-
-15
Min
Max
Type Number
-80
-50
-30
Symbol
V(BR)CBO
-65
-45
-30
55 Min
Item
Symbol
Dimension(mm)
A
B
3.15 ±0.10
1.50 ± 0.10
-0.65
-1.1
178 ± 1
d
D
C
2.77 ±0.10
1.22 ±0.10
Collector-Emitter saturation voltage
VCE(sat)
Base-Emitter saturation voltage
VBE(sat)
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label


Número de pieza similar - BC856ARF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Galaxy Semi-Conductor H...
BC856A BILIN-BC856A Datasheet
247Kb / 6P
   PNP general purpose Transistor
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
FutureWafer Tech Co.,Lt...
BC856A FUTUREWAFER-BC856A Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
SeCoS Halbleitertechnol...
BC856A SECOS-BC856A Datasheet
263Kb / 3P
   BC856A
More results

Descripción similar - BC856ARF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
   250mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
   Small Signal Diodes 250mW
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com