Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103AXGRKG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza SD103AXGRKG
Descripción Electrónicos  Low VF SMD Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103AXGRKG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SD103AXGRKG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103AXGRKG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103AXGRKG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD103AXG
Low VF SMD Schottky Barrier Diode
Small Signal Diode
Rating and Characteristic Curves
FIG 2 Typical Reverse Characteristics
FIG 1 Typical Forward Characteristics
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Reverse Voltage (V)
FIG 3 Typical Junction Capacitance
0
4
8
12
16
20
0
5
10
15
20
25
30
35
40
Instantanceous Forward Voltage (V)
0.1
1
10
100
1000
0
10203040
Reverse Voltage (V)
Ta=25
oC
f =1 MHz
Ta = 25
oC
Ta=25
oC
Version : A10


Número de pieza similar - SD103AXGRKG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
   Schottky Barrier Diode
SD103AX BILIN-SD103AX Datasheet
245Kb / 3P
   Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
   Schottky Plastic-Encapsulated Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AX YFWDIODE-SD103AX Datasheet
574Kb / 3P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
More results

Descripción similar - SD103AXGRKG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS_14 Datasheet
177Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com