Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3439 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza 2N3439
Descripción Electrónicos  HIGH VOLTAGE NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3439 Datasheet(HTML) 2 Page - Seme LAB

  2N3439 Datasheet HTML 1Page - Seme LAB 2N3439 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3439
2N3440
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is
believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in
its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 3066
Issue: 1
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 50mA
2N3439
IC = 50mA
2N3440
VCE = 300V
2N3439
VCE = 200V
2N3440
VCE = 450V
2N3439
VCE = 300V
2N3440
VCB = 350V
2N3439
VCB = 250V
2N3440
VEB = 6V
IC = 50mA
IB = 4mA
IC = 50mA
IB = 4mA
IC = 20mA
VCE = 10V
IC = 2mA
VCE = 10V
VCEO(sus)* Collector – Emitter Sustaining Voltage
(IB = 0)
ICEO
Collector Cut-off Current
(IB = 0)
ICEX
Collector Cut-off Current
(VBE = -1.5V)
ICBO
Collector – Base Cut-off Current
(IE = 0)
IEBO
Emitter Cut-off Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
fT
Transition Frequency
Cob
Output Capacitance
hfe
Small Signal Current Gain
IC = 10mA
VCE = 10V
f = 5MHz
VCB = 10V
f = 1MHz
IC = 5mA
VCE = 10V
f = 1kHz
15
10
25
MHz
pF
* Pulse test tp = 300µs , δ ≤ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
350
250
20
50
500
500
20
20
20
0.5
1.3
40
160
30
V
µA
µA
µA
µA
V
V
2N3439 only
THERMAL DATA
Parameter
Min.
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to Ambient
175
°C/W
RθJC
Thermal Resistance Junction to Case
35
°C/W


Número de pieza similar - 2N3439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
2N3439 STMICROELECTRONICS-2N3439 Datasheet
66Kb / 4P
   SILICON NPN TRANSISTORS
June 1997
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
207Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
logo
Boca Semiconductor Corp...
2N3439 BOCA-2N3439 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
More results

Descripción similar - 2N3439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com