Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3799X Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N3799X
Descripción Electrónicos  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3799X Datasheet(HTML) 1 Page - Seme LAB

  2N3799X_09 Datasheet HTML 1Page - Seme LAB 2N3799X_09 Datasheet HTML 2Page - Seme LAB 2N3799X_09 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR EPITAXIAL
PNP TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8240
Issue 1
Page 1 of 3
2N3799X
Low Noise
Hermetic TO-18 Metal package.
Ideally suited for Low Level Amplifier.
Instrumentation Amplifiers and General Purpose Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
-60V
VCEO
Collector – Emitter Voltage
-50V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-50mA
PD
Total Power Dissipation at
TA = 25°C
360mW
Derate Above 25°C
2.06mW/°C
PD
Total Power Dissipation at
TC = 25°C
1.2W
Derate Above 25°C
6.86mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
486.11 °C/W
RθJC
Thermal Resistance, Junction To Case
145.83 °C/W


Número de pieza similar - 2N3799X_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3799X SEME-LAB-2N3799X Datasheet
16Kb / 2P
   PNP, LOW NOISE AMPLIFIER TRANSISTOR
logo
TT Electronics.
2N3799X TTELEC-2N3799X Datasheet
245Kb / 3P
   SILICON PLANAR EPITAXIAL PNP TRANSISTOR
More results

Descripción similar - 2N3799X_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com