Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5784 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza 2N5784
Descripción Electrónicos  SILICON EPITAXIAL NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5784 Datasheet(HTML) 2 Page - Seme LAB

  2N5784_02 Datasheet HTML 1Page - Seme LAB 2N5784_02 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 3078
Issue 1
2N5784
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
µA
mA
µA
mA
µA
µA
V
V
µs
°C/W
10
1
10
1
100
10
20
100
4
65
80
1.5
0.5
520
25
5
15
17.5
17.5
ICER
Collector Cut-off Current
ICEX
Collector Cut-off Current
ICEO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE*
DC Current Gain
VCEO(sus)* Collector – Emitter Sustaining Voltage 1
VCER(sus)* Collector – Emitter Sustaining Voltage 1
VBE
Base – Emitter Voltage
VCE(sat)
Collector – Emitter Saturation Voltage 2
hfe
Small Signal Common – Emitter
Current Gain
hfe
Small Signal Common – Emitter
Current Gain
tON
Turn-on Time
tOFF
Turn-off Time
RθJC
Thermal Resistance Junction – Case
RθJA
Thermal Resistance Junction – Ambient
VCE = 65V
RBE = 100Ω
TC = 150°C
VCE = 75V
VBE = -1.5V
RBE = 100Ω
TC = 150°C
VCE = 50V
IB = 0
VBE = -5V
IC = 0
VCE = 2V
IC = 1A
VCE = 2V
IC = 3.2A
IC = 100mA
IB = 0
IC = 100mA
RBE = 100Ω
VCE = 2V
IC = 1A
IC = 1A
IB = 100mA
VCE = -2V
IC = 100mA
f = 200kHz
VCE = 2V
IC = 100mA
f = 1kHz
VCE = 30V
IC = 1A
IB1 = IB2 = 100mA
NOTES
*
Pulse Test: tp = 300µs, δ = 1.8%.
1)
These tests
MUST NOT be measured on a curve tracer.
2)
Measured 1/4” (6.35 mm) from case. Lead resistance is critical in this test.
3)
Measured at a frequency where
hfeis decreasing at approximately 6dB per octave.
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)


Número de pieza similar - 2N5784_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N5784SMD SEME-LAB-2N5784SMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N5784SMD05 SEME-LAB-2N5784SMD05 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
More results

Descripción similar - 2N5784_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com