Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6059 Datasheet(PDF) 1 Page - Seme LAB

No. de Pieza. 2N6059
Descripción  SILICON MULTI-EPITAXIAL NPN TRANSISTOR
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo 

2N6059 Datasheet(HTML) 1 Page - Seme LAB

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON MULTI-EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8812
Issue 1
Page 1 of 3
2N6059
High Current Capability.
Hermetic TO3 Metal package.
Screening Options Available.
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
100V
VCEO
Collector – Emitter Voltage
100V
VEBO
Emitter – Base Voltage
5V
IC
Continuous Collector Current
12A
IB
Base Current
0.2A
PD
Total Power Dissipation at
TC = 25°C
150W
Derate Above 25°C
1.00W/°C
TJ
Junction Temperature Range
-55 to +175°C
Tstg
Storage Temperature Range
-55 to +175°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
1.00
°C/W


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn